Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2702330 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2702330
Description  Industrial Ethernet Switch - FL SWITCH 2206-2FX
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702330 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2702330 Datasheet HTML 1Page - PHOENIX CONTACT 2702330 Datasheet HTML 2Page - PHOENIX CONTACT 2702330 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
https://www.phoenixcontact.com/pi/products/2702330
09/30/2021   Page 3 / 13
Industrial Ethernet Switch - FL SWITCH 2206-2FX - 2702330
Technical data
Function
Command-line interface (Telnet, SSH)
Diagnostic functions
RMON History
LLDP (Link Layer Discovery Protocol)
SNMP-Traps
N:1-Portmirroring
ACD (Address Conflict Detection)
SysLog
CRC-Surveillance
Filter functions
Quality of Service (8 priority classes)
Class of Service
DiffServ/DSCP
Port-Priorisierung
VLAN (up to 32 VLANs)
IGMP Snooping/Querier (v1/v2)
Auto-Query-Port
Extended Multicast Filtering
Redundancy
MRP (Media Redundancy Protocol)
RSTP (Rapid Spanning Tree Protocol)
FRD (Fast Ring Detection)
Large Tree Support
LACP (Link Aggregation Control Protocol)
Additional functions
Transmission of MMS and GOOSE (IEC 61850-8-1)
Transmission of Modbus TCP
MAC address table
8k
Latency
≥ 6.5 µs (Store and Forward mode, 10/100 Mbps, depending on the
frame size)
IP parameterization
DHCP-Client
DHCP Option 82 (Relay Agent)
DHCP server (pool-based, port-based)
BootP
DCP (Discovery and Configuration Protocol)
PROFINET device function
PROFINET device
Fast Startup
PROFINET conformance class
Conformance-Class B
Time synchronization
SNTP (Simple Network Time Protocol)
Status and diagnostic indicators
LEDs: US1, US2 (power supply), Fail (alarm contact), 2 LEDs per
Ethernet port (Link/Activity and Speed)
Signal contact control voltage
typ. 24 V DC
Security functions
Port security
MAC-based, RADIUS (IEEE 802.1X)


Similar Part No. - 2702330

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702331 PHOENIX-2702331 Datasheet
83Kb / 5P
DHCP client, DHCP server (pool-based and port-based), DHCP option 82
2702332 PHOENIX-2702332 Datasheet
84Kb / 5P
Web-based management, SNMP
2702333 PHOENIX-2702333 Datasheet
83Kb / 5P
DHCP client, DHCP server (pool-based and port-based), DHCP option 82
2702334 PHOENIX-2702334 Datasheet
84Kb / 5P
Web-based management, SNMP
2702336 PHOENIX-2702336 Datasheet
63Kb / 3P
Door position switch with 3 m cable with open cable end and 0.6 m cable with M8 socket (Snap-in), including mounting accessories
More results

Similar Description - 2702330

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2700997 PHOENIX-2700997 Datasheet
72Kb / 6P
Industrial Ethernet Switch - FL SWITCH SMCS 14TX/2FX
2702905 PHOENIX-2702905 Datasheet
334Kb / 14P
Industrial Ethernet Switch - FL SWITCH 2214-2FX
2702969 PHOENIX-2702969 Datasheet
286Kb / 14P
Industrial Ethernet Switch - FL SWITCH 2206-2SFX
2832593 PHOENIX-2832593 Datasheet
111Kb / 9P
Industrial Ethernet Switch - FL SWITCH SF 14TX/2FX
09/12/2020
2891314 PHOENIX-2891314 Datasheet
113Kb / 10P
Industrial Ethernet Switch - FL SWITCH SFN 6TX/2FX
09/12/2020
2891954 PHOENIX-2891954 Datasheet
116Kb / 10P
Industrial Ethernet Switch - FL SWITCH SFNT 14TX/2FX
09/12/2020
1095628 PHOENIX-1095628 Datasheet
807Kb / 23P
Industrial Ethernet Switch - FL SWITCH 2206C-2FX
Dec 2, 2022
1044028 PHOENIX-1044028 Datasheet
965Kb / 30P
Industrial Ethernet Switch - FL SWITCH 2206-2SFXPN
Dec 2, 2022
2891025 PHOENIX-2891025 Datasheet
631Kb / 20P
Industrial Ethernet Switch - FL SWITCH SFNT 6TX/2FX
Dec 2, 2022
2702906 PHOENIX-2702906 Datasheet
791Kb / 24P
Industrial Ethernet Switch - FL SWITCH 2214-2FX SM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com