Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4397 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4397
Description  Audio/Video Switch for Dual SCART Connectors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4397 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4397_V01 Datasheet HTML 1Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Audio/Video Switch for Dual SCART Connectors
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(V12 = 12V, VVID = VAUD = 5V, 0.1µF X5R capacitor in parallel with a 10µF aluminum electrolytic capacitor from VAUD to GNDAUD,
V12 to GNDAUD, and VVID to GNDVID, SET = 100kΩ nominal, RLOAD = 150Ω, TA = 0°C to +70°C, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INTERFACE: SDA AND SCL (Note 5)
Low-Level Input Voltage
VIL
0
0.8
V
High-Level Input Voltage
VIH
2.6
V
Hysteresis of Schmitt Trigger
Input
0.2
V
ISINK = 3mA
0.4
SDA Low-Level Output Voltage
VOL
ISINK = 6mA
0.6
V
Output Fall Time for SDA Line
400pF bus load
250
ns
Spike Suppression
50
ns
Input Current
-10
+10
µA
Input Capacitance
5pF
SCL Clock Frequency
0
400
kHz
Hold Time
tHD,STA
0.6
µs
Low Period of SCL Clock
tLOW
1.3
µs
High Period of SCL Clock
tHIGH
0.6
µs
Setup Time for a Repeated Start
Condition
tSU,STA
0.6
µs
Data Hold Time
tHD,DAT
0
0.9
µs
Data Setup Time
tSU,DAT
100
ns
Setup Time for Stop Condition
tSU,STO
0.6
µs
Bus Free Time Between a Stop
and Start
tBUF
1.3
µs
OTHER DIGITAL PINS (Note 5)
DEV_ADDR Low Level
0.8
V
DEV_ADDR High Level
2.6
V
SLOW SWITCHING SECTION (Note 5)
Input Low Level
02
V
Input Medium Level
4.5
7.0
V
Input High Level
9.5
V12
V
Input Current
50
100
µA
Output Low Level
10k
Ω to ground, internal TV,
11.4V < V12 < 12.6V
0
1.5
V
Output Medium Level
10k
Ω to ground, external 16/9,
11.4V < V12 < 12.6V
5.0
6.5
V
Output High Level
10k
Ω to ground, external 4/3,
11.4V < V12 < 12.6V
10
V12
V


Similar Part No. - MAX4397_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4397D MAXIM-MAX4397D Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4397DACTM MAXIM-MAX4397DACTM Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4397DCTM MAXIM-MAX4397DCTM Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397S MAXIM-MAX4397S Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
More results

Similar Description - MAX4397_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX9598 MAXIM-MAX9598_09 Datasheet
504Kb / 36P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 1; 2/09
MAX4399 MAXIM-MAX4399_V01 Datasheet
452Kb / 33P
   Audio/Video Switch for Three SCART Connectors
19-2925; Rev 1; 7/06
MAX4399 MAXIM-MAX4399 Datasheet
544Kb / 33P
   Audio/Video Switch for Three SCART Connectors
Rev 0; 8/03
MAX9598 MAXIM-MAX9598 Datasheet
489Kb / 35P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 0; 2/08
MAX7457 MAXIM-MAX7457 Datasheet
62Kb / 3P
   Video Switch for Dual SCART Connectors
MAX9595 MAXIM-MAX9595 Datasheet
347Kb / 28P
   Audio/Video Switch for Dual SCART Connector
Rev 0; 1/06
MAX9595 MAXIM-MAX9595_V01 Datasheet
395Kb / 28P
   Audio/Video Switch for Dual SCART Connector
19-3946; Rev 2; 5/07
MAX9670 MAXIM-MAX9670_10 Datasheet
1,006Kb / 44P
   Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 1; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com