Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4397 Datasheet(PDF) 26 Page - Maxim Integrated Products

Part # MAX4397
Description  Audio/Video Switch for Dual SCART Connectors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4397 Datasheet(HTML) 26 Page - Maxim Integrated Products

Back Button MAX4397_V01 Datasheet HTML 22Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 23Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 24Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 25Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 26Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 27Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 28Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 29Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 30Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Audio/Video Switch for Dual SCART Connectors
26
______________________________________________________________________________________
System Block Diagram
MAX4397
V12
12V
5V
5V
VVID
VAUD
TV
SCART
CONNECTOR
RGB
CVBS, Y/C
R/L AUDIO
SLOW SWITCHING
FAST SWITCHING
VCR SCART
CONNECTOR
RGB
CVBS, Y/C
R/L AUDIO
SLOW SWITCHING
FAST SWITCHING
VIDEO
ENCODER
RGB
R/L AUDIO
CVBS, Y/C
FAST SWITCHING
AUDIO
DAC
CVBS/Y SWITCHES
AND FILTERS
ADDRESS
SDA
SCL
µC
RF MOD
MONO AUDIO
RF_CVBS
GNDAUD
GNDVID
EP
SLOW AND FAST
SWITCHING
AUDIO SWITCHES
RGB AND CHROMA
SWITCHES AND
FILTERS


Similar Part No. - MAX4397_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4397D MAXIM-MAX4397D Datasheet
834Kb / 30P
Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4397DACTM MAXIM-MAX4397DACTM Datasheet
428Kb / 30P
Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4397DCTM MAXIM-MAX4397DCTM Datasheet
834Kb / 30P
Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397S MAXIM-MAX4397S Datasheet
834Kb / 30P
Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
More results

Similar Description - MAX4397_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4399 MAXIM-MAX4399 Datasheet
544Kb / 33P
Audio/Video Switch for Three SCART Connectors
Rev 0; 8/03
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX9595 MAXIM-MAX9595 Datasheet
347Kb / 28P
Audio/Video Switch for Dual SCART Connector
Rev 0; 1/06
MAX7457 MAXIM-MAX7457 Datasheet
62Kb / 3P
Video Switch for Dual SCART Connectors
MAX9598 MAXIM-MAX9598 Datasheet
489Kb / 35P
Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 0; 2/08
MAX9598 MAXIM-MAX9598_09 Datasheet
504Kb / 36P
Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 1; 2/09
MAX9670 MAXIM-MAX9670_10 Datasheet
1,006Kb / 44P
Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 1; 3/10
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4399 MAXIM-MAX4399_V01 Datasheet
452Kb / 33P
Audio/Video Switch for Three SCART Connectors
19-2925; Rev 1; 7/06
MAX9595 MAXIM-MAX9595_V01 Datasheet
395Kb / 28P
Audio/Video Switch for Dual SCART Connector
19-3946; Rev 2; 5/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com