Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4397 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX4397
Description  Audio/Video Switch for Dual SCART Connectors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4397 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX4397_V01 Datasheet HTML 20Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 21Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 22Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 23Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 24Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 25Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 26Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 27Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Audio/Video Switch for Dual SCART Connectors
24
______________________________________________________________________________________
Typical Application Circuits
MAX4397D
ALL CAPACITORS ARE 0.1µF AND ALL RESISTORS ARE 75Ω, UNLESS OTHERWISE NOTED.
VCR_Y/CVBS_OUT
10
11
12
SDA
1
SCL
2
DEV_ADDR
3
ENC_INL+
ENC_INL-
4
5
ENC_INR+
ENC_INR-
6
7
VCR_INR
8
3.3kΩ
9.4kΩ
9.4kΩ
9
RF_CVBS_OUT
TV_Y/CVBS_OUT
TV_R/C_OUT
TV_G_OUT
TV_B_OUT
VCR_R/C_OUT
VVID
37
38
39
40
41
42
43
44
45
46
47
48
VCR_INL
TV_INR
TV_INL
GNDAUD
SDA
SCL
DEV_ADDR
ENC_INL+_SC
ENC_INL-_SC
ENC_INR+_SC
ENC_INR-_SC
VCR_INR_SC
VCR_INL_SC
TV_INR_SC
TV_INL_SC
TVOUT_FS
GNDVID
ENCIN_FS
VCRIN_FS
VCR_Y/CVBS_OUT_SC
RF_CVBS_OUT_SC
TV_Y/CVBS_OUT_SC
TV_R/C_OUT_SC
TV_G_OUT_SC
TV_B_OUT_SC
VCR_R/C_OUT_SC
TVOUT_FS_SC
3.3kΩ
4.7kΩ
4.7kΩ
4.7kΩ
4.7kΩ
3.3kΩ
3.3kΩ
3.3kΩ
3.3kΩ
3.3kΩ
3.3kΩ
3.3kΩ
3.3kΩ
27
26
25
36
10µF
0.1µF
35
34
33
32
31
30
29
28
24
23
22
21
20
19
18
17
16
15
14
13
100kΩ
10µF
0.1µF
10µF
0.1µF
10µF
VAUD
10µF
10µF10µF10µF
0.1µF
3.3kΩ
3.3kΩ
VVID
ENCIN_FS
VCRIN_FS
VVID
V12
10kΩ
10kΩ
10µF
47µF
0.1µF


Similar Part No. - MAX4397_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4397D MAXIM-MAX4397D Datasheet
834Kb / 30P
Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4397DACTM MAXIM-MAX4397DACTM Datasheet
428Kb / 30P
Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4397DCTM MAXIM-MAX4397DCTM Datasheet
834Kb / 30P
Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397S MAXIM-MAX4397S Datasheet
834Kb / 30P
Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
More results

Similar Description - MAX4397_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4399 MAXIM-MAX4399 Datasheet
544Kb / 33P
Audio/Video Switch for Three SCART Connectors
Rev 0; 8/03
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX9595 MAXIM-MAX9595 Datasheet
347Kb / 28P
Audio/Video Switch for Dual SCART Connector
Rev 0; 1/06
MAX7457 MAXIM-MAX7457 Datasheet
62Kb / 3P
Video Switch for Dual SCART Connectors
MAX9598 MAXIM-MAX9598 Datasheet
489Kb / 35P
Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 0; 2/08
MAX9598 MAXIM-MAX9598_09 Datasheet
504Kb / 36P
Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 1; 2/09
MAX9670 MAXIM-MAX9670_10 Datasheet
1,006Kb / 44P
Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 1; 3/10
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4399 MAXIM-MAX4399_V01 Datasheet
452Kb / 33P
Audio/Video Switch for Three SCART Connectors
19-2925; Rev 1; 7/06
MAX9595 MAXIM-MAX9595_V01 Datasheet
395Kb / 28P
Audio/Video Switch for Dual SCART Connector
19-3946; Rev 2; 5/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com