Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4397 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX4397
Description  Audio/Video Switch for Dual SCART Connectors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4397 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX4397_V01 Datasheet HTML 14Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 15Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 16Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 17Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 18Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 19Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 20Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 21Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Power Supplies and Bypassing
The MAX4397 features single 5V and 12V supply opera-
tion and requires no negative supply. The +12V supply
V12 is for the SCART switching function. For pin V12,
place all bypass capacitors as close as possible with a
10µF capacitor in parallel with a 0.1µF ceramic capacitor.
Connect all VAUD pins together to +5V and bypass with a
10µF electrolytic capacitor in parallel with a 0.47µF low-
ESR ceramic capacitor to audio ground. Bypass VAUD
pins with a 0.1µF capacitor to audio ground. Bypass
AUD_BIAS to audio ground with a 10µF electrolytic in
parallel with a 0.1µF ceramic capacitor.
Bypass VDIG with a 0.1µF ceramic capacitor to digital
ground. Bypass each VVID to video ground with a 0.1µF
ceramic capacitor. Connect VVID in series with a 200nH
ferrite bead to the +5V supply.
Layout and Grounding
For optimal performance, use controlled-impedance
traces for video signal paths and place input termina-
tion resistors and output back-termination resistors
close to the MAX4397. Avoid routing video traces par-
allel to high-speed data lines.
The MAX4397 provides separate ground connections
for video, audio, and digital supplies. For best perfor-
mance, use separate ground planes for each of the
ground returns and connect all three ground planes
together at a single point. Refer to the MAX4397 evalu-
ation kit for a proven circuit board layout example.
Audio/Video Switch for Dual SCART Connectors
18
______________________________________________________________________________________
REGISTER
ADDRESS
(HEXADECIMAL)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
00h
TV volume
bypass
ZCD
TV volume control
TV audio
output mute
01h
VCR volume control
Not used
Not used
VCR audio selection
TV audio selection
02h
Not used
03h
Not used
04h
Not used
05h
Not used
06h
TV_R/C_IN
clamp
RGB gain
TV G and B video switch
TV video switch
07h
Not used
RF_CVBS_
OUT switch
TV_Y/
CVBS_OUT switch
TV fast blank
(fast switching)
TV_R/C_OUT
ground
Set function TV
08h
VCR_R/
C_IN clamp
Not used
Not used
Not used
ENC_R/
C_IN clamp
VCR video switch
09h
Not used
Not used
Not used
Not used
Not used
VCR_R/C_OUT
ground
Set function VCR
0Ah
Not used
0Bh
Not used
0Ch
Not used
0Dh
VCR_Y/
CVBS_OUT
enable
VCR_R/
C_OUT
enable
TV_R/C_OUT
enable
TV_G_OUT
enable
TV_B_OUT
enable
TV_Y/
CVBS_OUT
enable
TVOUT
_FS
enable
RF_CVBS_
OUT
enable
Table 3. Data Format for Write Mode


Similar Part No. - MAX4397_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4397D MAXIM-MAX4397D Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4397DACTM MAXIM-MAX4397DACTM Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4397DCTM MAXIM-MAX4397DCTM Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397S MAXIM-MAX4397S Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
More results

Similar Description - MAX4397_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX9598 MAXIM-MAX9598_09 Datasheet
504Kb / 36P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 1; 2/09
MAX4399 MAXIM-MAX4399_V01 Datasheet
452Kb / 33P
   Audio/Video Switch for Three SCART Connectors
19-2925; Rev 1; 7/06
MAX4399 MAXIM-MAX4399 Datasheet
544Kb / 33P
   Audio/Video Switch for Three SCART Connectors
Rev 0; 8/03
MAX9598 MAXIM-MAX9598 Datasheet
489Kb / 35P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 0; 2/08
MAX7457 MAXIM-MAX7457 Datasheet
62Kb / 3P
   Video Switch for Dual SCART Connectors
MAX9595 MAXIM-MAX9595 Datasheet
347Kb / 28P
   Audio/Video Switch for Dual SCART Connector
Rev 0; 1/06
MAX9595 MAXIM-MAX9595_V01 Datasheet
395Kb / 28P
   Audio/Video Switch for Dual SCART Connector
19-3946; Rev 2; 5/07
MAX9670 MAXIM-MAX9670_10 Datasheet
1,006Kb / 44P
   Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 1; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com