Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4397 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4397
Description  Audio/Video Switch for Dual SCART Connectors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4397 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4397_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 9Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 10Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 11Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 12Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 13Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 14Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 15Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Video Inputs
All video inputs are AC-coupled with an external 0.1µF
capacitor. Either a clamp or bias circuit sets the DC
input level of the video signals. The clamp circuit posi-
tions the sync tip of the Composite (CVBS), the
Component RGB, or the S-Video Luma signal. If the sig-
nal does not have a sync tip, then the clamp positions
the minimum of the signal at the clamp voltage. The bias
circuitry is used to position the S-video Chroma signal at
midlevel of the Luma (Y) signal. On the video inputs that
can receive either a Chroma or a Red video signal, the
bias or clamp circuit is selected through I2C. See Tables
3–12 for loading register details.
The MPEG decoder and VCR uses the RGB format and
fast switching to insert an on-screen display (OSD), usu-
ally text, onto the TV. The MAX4397 supports RGB as an
input from either the VCR or the MPEG decoder and as
an output only to the TV. The Red video signal of the
RGB format and the Chroma video signal of the S-VHS
format share the same SCART connector pin. Therefore,
RGB and S-video signals cannot be present at the same
time. Loop-through is possible with a Composite video
signal but not with RGB signals because the RGB
SCART pins are used for both input and output.
In SCART, there is the possibility of a bidirectional use
of the Red/Chroma pin. When using the Red/Chroma
pin as an input port, terminate the Red/Chroma output
with a 75Ω resistor to ground. Thus, a ground state is
provided by an active pulldown to GNDVID on the
Red/Chroma output to support the bidirectional Chroma
or Red I/O, turning the output source resistors into ter-
minations (see Figure 2). The active pulldown also pro-
vides the “Mute Output” function, and disables the
deselected video outputs. The “Mute Output” state is
the default power-on state for video.
For high-quality home video, the MPEG decoder, VCR,
and TV use the S-video format. The MAX4397 supports
S-video signals as an input from the VCR, the MPEG
decoder, and the TV, and also as a separately switch-
able output to the TV and VCR. Because S-video sup-
port was not included in the original specifications of
the SCART connector, the Luma (Y) signal of S-video
and the CVBS signal share the same SCART connector
pins. If S-video is present, then a Composite signal
must be created from the Y and C signals to drive the
RF_CVBS_OUT pin. For S-video, loop-through is not
possible since the Chroma SCART port is used for both
input and output.
The MAX4397 supports Composite video (CVBS) for-
mat, with inputs from the VCR, MPEG decoder, and TV.
Full loop-through is possible to the TV and VCR only,
since the MPEG decoder SCART connector has sepa-
rate input and output pins for the CVBS format.
Audio/Video Switch for Dual SCART Connectors
12
______________________________________________________________________________________
CLAMP
N
CLAMP/BIAS
TV_R/C_IN
VIDEO INPUT
TV_R/C_IN
VIDEO INPUT
75Ω
0.1µF
0.1µF
75Ω
PIN 15
PIN 13
PIN 15
PIN 13
MAX4397
MAX4397
TV_R/C_OUT
PULLDOWN
SCART
CABLE
SCART
CONNECTORS
PULLDOWN
CLAMP
N
TV_R/C_OUT
CLAMP/BIAS
Figure 2. Bidirectional SCART Pins


Similar Part No. - MAX4397_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4397D MAXIM-MAX4397D Datasheet
834Kb / 30P
Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4397DACTM MAXIM-MAX4397DACTM Datasheet
428Kb / 30P
Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4397DCTM MAXIM-MAX4397DCTM Datasheet
834Kb / 30P
Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397S MAXIM-MAX4397S Datasheet
834Kb / 30P
Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
More results

Similar Description - MAX4397_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX9598 MAXIM-MAX9598_09 Datasheet
504Kb / 36P
Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 1; 2/09
MAX4399 MAXIM-MAX4399_V01 Datasheet
452Kb / 33P
Audio/Video Switch for Three SCART Connectors
19-2925; Rev 1; 7/06
MAX4399 MAXIM-MAX4399 Datasheet
544Kb / 33P
Audio/Video Switch for Three SCART Connectors
Rev 0; 8/03
MAX9598 MAXIM-MAX9598 Datasheet
489Kb / 35P
Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 0; 2/08
MAX7457 MAXIM-MAX7457 Datasheet
62Kb / 3P
Video Switch for Dual SCART Connectors
MAX9595 MAXIM-MAX9595 Datasheet
347Kb / 28P
Audio/Video Switch for Dual SCART Connector
Rev 0; 1/06
MAX9595 MAXIM-MAX9595_V01 Datasheet
395Kb / 28P
Audio/Video Switch for Dual SCART Connector
19-3946; Rev 2; 5/07
MAX9670 MAXIM-MAX9670_10 Datasheet
1,006Kb / 44P
Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 1; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com