Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4397 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4397
Description  Audio/Video Switch for Dual SCART Connectors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4397 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4397_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 9Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 10Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 11Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 12Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 13Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Audio/Video Switch for Dual SCART Connectors
10
______________________________________________________________________________________
Pin Description (continued)
PIN
MAX4397D
MAX4397S
NAME
FUNCTION
29
29
RF_CVBS_OUT
RF Modulator Composite Video Output. Internally biased at 1V.
30
30
TV_Y/CVBS_OUT
TV SCART Luma/Composite Video Output. Internally biased at 1V.
31
31
TV_R/C_OUT
TV SCART Red/Chroma Video Output. Internally biased at 1V for Red video signal
and 2.2V for Chroma video signal.
32
32
TV_G_OUT
TV SCART Green Video Output. Internally biased at 1V.
33
33
TV_B_OUT
TV SCART Blue Video Output. Internally biased at 1V.
34
34
VCR_Y/CVBS_OUT
VCR SCART Luma/Composite Video Output. Internally biased at 1V.
35
35
VCR_R/C_OUT
VCR SCART Red/Chroma Video Output. Internally biased at 1V for Red video
signals and 2.2V for Chroma video signal.
37
37
TV_R/C_IN
TV SCART Red/Chroma Video Input. Internally biased at 1.2V for Red video
signals, or 1.9V for Chroma video signals.
38
38
TV_Y/CVBS_IN
TV SCART Luma/Composite Video Input. Internally biased at 1.2V.
39
39
VCR_Y/CVBS_IN
VCR SCART Luma/Composite Video Input. Internally biased at 1.2V.
40
40
VCR_R/C_IN
VCR SCART Red/Chroma Video Input. Internally biased at 1.2V for Red video
signals and 1.9V for Chroma video signals.
41
41
VCR_G_IN
VCR SCART Green Video Input. Internally biased at 1.2V.
42
42
VCR_B_IN
VCR SCART Blue Video Input. Internally biased at 1.2V.
43
43
ENC_Y/CVBS_IN
Digital Encoder Luma/Composite Video Input. Internally biased at 1.2V.
44
44
ENC_R/C_IN
Digital Encoder Red/Chroma Video Input. Internally biased at 1.2V for Red video
signals, or 1.9V for Chroma video signals.
45
45
ENC_G_IN
Digital Encoder Green Video Input. Internally biased at 1.2V.
46
46
ENC_B_IN
Digital Encoder Blue Video Input. Internally biased at 1.2V.
47
47
ENC_Y_IN
Digital Encoder Luma Video Input. Internally biased at 1.2V.
48
48
ENC_C_IN
Digital Encoder Chroma Video Input. Internally biased at 1.9V.
EP
EP
GNDAUD
Exposed Paddle. Solder to the circuit board ground (GNDAUD) for proper thermal
and electrical performance.
Detailed Description
The MAX4397 is a switch matrix that routes audio and
video signals between different ports using the I2C
interface. The ports consist of the MPEG decoder out-
put, and two SCART connectors for the TV and VCR.
Per EN50049 and IEC 933, the encoder can only input
a signal to the SCART connector, while TV and VCR
SCART connectors are bidirectional.
The MAX4397 circuitry consists of four major sections:
the video section, the audio section, the slow- and fast-
switching section, and the digital interface.
The video section consists of clamp and bias circuitry,
input buffers, reconstruction filters, a switch matrix, a
Y/C mixer, and output buffers. All video inputs are AC-
coupled through a 0.1µF capacitor to set an acceptable
DC level using clamp or bias networks. The bidirection-
al Red/Chroma outputs can be connected to ground
using I2C control to make them terminations when
Red/Chroma is an input (see the Video Inputs section).
The audio section features an input buffer, a switching
matrix, volume- or gain-control circuitry, and output dri-
vers. The audio inputs are AC-coupled through a 0.1µF
capacitor. Only the audio encoder inputs of the
MAX4397D are different from the MAX4397S. The
MAX4397S has a single-ended audio encoder input
while the audio encoder input for the MAX4397D is dif-
ferential. The TV output audio path has volume control
from -56dB to +6dB in 2dB steps, while the VCR output
audio path has volume control from -6dB to +6dB in
6dB steps. The MAX4397 can be configured to switch
inputs during a zero-crossing function to reduce clicks.


Similar Part No. - MAX4397_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4397D MAXIM-MAX4397D Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4397DACTM MAXIM-MAX4397DACTM Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4397DCTM MAXIM-MAX4397DCTM Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397S MAXIM-MAX4397S Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
More results

Similar Description - MAX4397_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX9598 MAXIM-MAX9598_09 Datasheet
504Kb / 36P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 1; 2/09
MAX4399 MAXIM-MAX4399_V01 Datasheet
452Kb / 33P
   Audio/Video Switch for Three SCART Connectors
19-2925; Rev 1; 7/06
MAX4399 MAXIM-MAX4399 Datasheet
544Kb / 33P
   Audio/Video Switch for Three SCART Connectors
Rev 0; 8/03
MAX9598 MAXIM-MAX9598 Datasheet
489Kb / 35P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 0; 2/08
MAX7457 MAXIM-MAX7457 Datasheet
62Kb / 3P
   Video Switch for Dual SCART Connectors
MAX9595 MAXIM-MAX9595 Datasheet
347Kb / 28P
   Audio/Video Switch for Dual SCART Connector
Rev 0; 1/06
MAX9595 MAXIM-MAX9595_V01 Datasheet
395Kb / 28P
   Audio/Video Switch for Dual SCART Connector
19-3946; Rev 2; 5/07
MAX9670 MAXIM-MAX9670_10 Datasheet
1,006Kb / 44P
   Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 1; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com