Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4397 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4397
Description  Audio/Video Switch for Dual SCART Connectors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4397 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4397_V01 Datasheet HTML 1Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
General Description
The MAX4397 dual SCART switch matrix routes audio
and video signals between an MPEG encoder and two
external SCART connectors under I2C control, and
meets the requirements of EN50049-1, IEC 933-1,
Canal+, and BSkyB standards.
The video and audio channels feature input source
selection multiplexers, input buffers, and output buffers
for routing all inputs to selected outputs. The MAX4397D
audio encoder input is differential DC-coupled, while the
MAX4397S audio encoder input is single-ended AC-
coupled. Except for the MAX4397D’s audio encoder
input, all other inputs and outputs are AC-coupled with
internal DC-biasing set to predefined levels.
The MAX4397 provides programmable gain control from
+5dB to +7dB in 1dB steps for Red, Green, and Blue
component video signals. All other video outputs have a
fixed +6dB gain. Additional features include an internal
Luma and Chroma (Y/C) mixer that generates a
Composite video signal (CVBS) to supply an RF
modulator output, and internal video reconstruction low-
pass filters with passband ripple between -1dB and
+1dB from 100kHz to 5.5MHz. The MAX4397 TV audio
channel features clickless switching and programmable
volume control from -56dB to +6dB in 2dB steps. The
VCR audio output also has programmable gain for
-6dB, 0dB, or +6dB. The device also generates
monaural audio from left and right stereo inputs.
All audio drivers deliver a 3.0VRMS minimum output.
The MAX4397 operates with standard 5V and 12V
power supplies and supports slow-switching and fast-
switching signals. The I2C interface programs the gain
and volume control, and selects the input source
for routing.
The MAX4397 is available in a compact 48-pin thin QFN
package and is specified over the 0°C to +70°C com-
mercial temperature range.
Applications
Satellite Set-Top Boxes
Cable Set-Top Boxes
TVs
VCRs
DVDs
Features
♦ Video Outputs Drive 2VP-P into 150Ω
♦ Audio Outputs Drive 3VRMS into 10kΩ
♦ Clickless, Popless Audio Gain Control
and Switching
♦ AC-Coupled Video Inputs with Internal Clamp
and Bias
♦ DC-Coupled Video Outputs
♦ Composite Video Signal Created Internally from
Y/C Inputs
♦ Internal Video Reconstruction Filters Provide
-40dB at 27MHz
♦ Differential (MAX4397D) or Single-Ended
(MAX4397S) Audio Encoder Input
♦ Red/Chroma Switch for Bidirectional I/O
♦ I2C-Programmable RGB Gain from +5dB to +7dB
♦ I2C-Programmable Audio Gain Control from +6dB
to -56dB
♦ Meets EN50049-1, IEC 933-1, Canal+, and BSkyB
Requirements
Audio/Video Switch for Dual SCART Connectors
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3618; Rev 3; 5/07
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configuration and Typical Application Circuits appear at
end of data sheet.
System Block Diagram appears at end of data sheet.
EVALUATION
KIT
AVAILABLE
PART
TEMP
RANGE
PIN-PACKAGE
PKG
CODE
MAX4397DCTM
0°C to +70°C
48 Thin QFN-EP*
(7mm x 7mm)
T4877-6
MAX4397SCTM
0°C to +70°C
48 Thin QFN-EP*
(7mm x 7mm)
T4877-6
*EP = Exposed paddle.


Similar Part No. - MAX4397_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4397D MAXIM-MAX4397D Datasheet
834Kb / 30P
Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4397DACTM MAXIM-MAX4397DACTM Datasheet
428Kb / 30P
Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4397DCTM MAXIM-MAX4397DCTM Datasheet
834Kb / 30P
Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397S MAXIM-MAX4397S Datasheet
834Kb / 30P
Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
More results

Similar Description - MAX4397_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX9598 MAXIM-MAX9598_09 Datasheet
504Kb / 36P
Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 1; 2/09
MAX4399 MAXIM-MAX4399_V01 Datasheet
452Kb / 33P
Audio/Video Switch for Three SCART Connectors
19-2925; Rev 1; 7/06
MAX4399 MAXIM-MAX4399 Datasheet
544Kb / 33P
Audio/Video Switch for Three SCART Connectors
Rev 0; 8/03
MAX9598 MAXIM-MAX9598 Datasheet
489Kb / 35P
Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 0; 2/08
MAX7457 MAXIM-MAX7457 Datasheet
62Kb / 3P
Video Switch for Dual SCART Connectors
MAX9595 MAXIM-MAX9595 Datasheet
347Kb / 28P
Audio/Video Switch for Dual SCART Connector
Rev 0; 1/06
MAX9595 MAXIM-MAX9595_V01 Datasheet
395Kb / 28P
Audio/Video Switch for Dual SCART Connector
19-3946; Rev 2; 5/07
MAX9670 MAXIM-MAX9670_10 Datasheet
1,006Kb / 44P
Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 1; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com