Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4397 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4397
Description  Audio/Video Switch for Dual SCART Connectors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4397 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4397_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 9Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 10Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 11Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 12Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Audio/Video Switch for Dual SCART Connectors
_______________________________________________________________________________________
9
Pin Description
PIN
MAX4397D
MAX4397S
NAME
FUNCTION
1
1
SDA
Bidirectional Data I/O. I
2C-compatible, 2-wire interface data input/output. Output is
open drain.
2
2
SCL
Serial Clock Input. I
2C-compatible, 2-wire clock interface.
3
3
DEV_ADDR
Device Address Set Input. Connect to GNDVID to set write and read addresses of
94h or 95h, respectively. Connect to VVID to set write and read address of 96h or
97h, respectively.
4
ENC_INL+
Digital Encoder Left-Channel Audio Positive Input
4
ENC_INL
Digital Encoder Left-Channel Audio Input
5
ENC_INL-
Digital Encoder Left-Channel Audio Negative Input
5, 7
N.C.
No Connection. Not internally connected.
6
ENC_INR+
Digital Encoder Right-Channel Audio Positive Input
6
ENC_INR
Digital Encoder Right-Channel Audio Input
7
ENC_INR-
Digital Encoder Right-Channel Audio Negative Input
8
8
VCR_INR
VCR SCART Right-Channel Audio Input
9
9
VCR_INL
VCR SCART Left-Channel Audio Input
10
10
TV_INR
TV SCART Right-Channel Audio Input
11
11
TV_INL
TV SCART Left-Channel Audio Input
12
12
GNDAUD
Audio Ground
13
13
AUD_BIAS
Audio Input Bias Voltage. Bypass AUD_BIAS with a 47µF capacitor and a 0.1µF
capacitor to GNDAUD.
14
14
VAUD
Audio Supply. Connect to a +5V supply. Bypass with a 10µF aluminum electrolyte
capacitor in parallel with a 0.47µF low-ESR ceramic capacitor to GNDAUD.
15
15
VCR_OUTR
VCR SCART Right-Channel Audio Output
16
16
VCR_OUTL
VCR SCART Left-Channel Audio Output
17
17
RF_MONO_OUT
RF Modulator Mono Audio Output
18
18
TV_OUTL
TV SCART Left-Channel Audio Output
19
19
TV_OUTR
TV SCART Right-Channel Audio Output
20
20
V12
+12V Supply. Bypass V12 with a 10µF capacitor in parallel with a 0.1µF capacitor
to ground.
21
21
TV_SS
TV SCART Bidirectional Slow-Switch Signal
22
22
VCR_SS
VCR SCART Bidirectional Slow-Switch Signal
23
23
SET
Filter Cutoff Frequency Set Input. Connect 100k
Ω resistor from SET to ground.
24, 36
24, 36
VVID
Video and Digital Supply. Connect to a +5V supply. Bypass with a 0.01µF
capacitor to GNDVID. VVID also serves as a digital supply for the I
2C interface.
25
25
VCRIN_FS
VCR SCART Fast-Switching Input
26
26
ENCIN_FS
Digital Encoder Fast-Switching Input
27
27
TVOUT_FS
TV SCART Fast-Switching Output. This signal is used to switch the TV to its RGB
inputs for on-screen display purposes.
28
28
GNDVID
Video Ground


Similar Part No. - MAX4397_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4397D MAXIM-MAX4397D Datasheet
834Kb / 30P
Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4397DACTM MAXIM-MAX4397DACTM Datasheet
428Kb / 30P
Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4397DCTM MAXIM-MAX4397DCTM Datasheet
834Kb / 30P
Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397S MAXIM-MAX4397S Datasheet
834Kb / 30P
Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
More results

Similar Description - MAX4397_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4399 MAXIM-MAX4399 Datasheet
544Kb / 33P
Audio/Video Switch for Three SCART Connectors
Rev 0; 8/03
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX9595 MAXIM-MAX9595 Datasheet
347Kb / 28P
Audio/Video Switch for Dual SCART Connector
Rev 0; 1/06
MAX7457 MAXIM-MAX7457 Datasheet
62Kb / 3P
Video Switch for Dual SCART Connectors
MAX9598 MAXIM-MAX9598 Datasheet
489Kb / 35P
Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 0; 2/08
MAX9598 MAXIM-MAX9598_09 Datasheet
504Kb / 36P
Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 1; 2/09
MAX9670 MAXIM-MAX9670_10 Datasheet
1,006Kb / 44P
Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 1; 3/10
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4399 MAXIM-MAX4399_V01 Datasheet
452Kb / 33P
Audio/Video Switch for Three SCART Connectors
19-2925; Rev 1; 7/06
MAX9595 MAXIM-MAX9595_V01 Datasheet
395Kb / 28P
Audio/Video Switch for Dual SCART Connector
19-3946; Rev 2; 5/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com