Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4397 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4397
Description  Audio/Video Switch for Dual SCART Connectors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4397 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4397_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 9Page - Maxim Integrated Products MAX4397_V01 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
R/G/B VIDEO LARGE-SIGNAL BANDWIDTH
vs. FREQUENCY
FREQUENCY (MHz)
1
-5
-4
-3
-2
-1
0
1
2
3
4
-6
0.1
10
VIN = 1VP-P
RL = 150Ω TO GNDVID
GROUP DELAY vs. FREQUENCY
FREQUENCY (MHz)
1
20
40
60
80
100
120
0
0.1
10
Y VIDEO LARGE-SIGNAL BANDWIDTH
vs. FREQUENCY
FREQUENCY (MHz)
1
-5
-4
-3
-2
-1
0
1
2
3
4
-6
0.1
10
VIN = 1VP-P
RL = 150Ω TO GNDVID
Typical Operating Characteristics
(V12 = 12V, VVID = VAUD = 5V, 0.1µF X5R capacitor in parallel with a 10µF aluminum electrolytic capacitor from VAUD to GNDAUD,
V12 to GNDAUD, VVID to GNDVID no load, TA = 0°C to +70°C, unless otherwise noted. Typical values are at TA = +25°C.)
Audio/Video Switch for Dual SCART Connectors
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(V12 = 12V, VVID = VAUD = 5V, 0.1µF X5R capacitor in parallel with a 10µF aluminum electrolytic capacitor from VAUD to GNDAUD,
V12 to GNDAUD, and VVID to GNDVID, SET = 100kΩ nominal, RLOAD = 150Ω, TA = 0°C to +70°C, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
FAST SWITCHING SECTION (Note 5)
Input Low Level
0
0.4
V
Input High Level
13
V
Input Current
110
µA
Output Low Level
ISINK = 0.5mA
0
0.01
0.2
V
Output High Level
ISOURCE = 20mA, VVID - VOH
0.75
2V
Fast Switching Output to RGB
Skew
(Note 4)
30
ns
Fast Switching Output Rise Time
150
Ω to ground
30
ns
Fast Switching Output Fall Time
150
Ω to ground
30
ns
Note 1: All devices are 100% tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 2: The settling time is measured from the 50% of the input swing to the 0.1% of the final value of the output.
Note 3: Maximum load capacitance is 200pF. All the listed parameters are measured at application’s inputs, unless otherwise
noted. See the Typical Application Circuits.
Note 4: Difference in propagation delays of fast-blanking signal and RGB signals. Measured from 50% input transition to 50%
output transition. Signal levels to be determined.
Note 5: Guaranteed by design.


Similar Part No. - MAX4397_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4397D MAXIM-MAX4397D Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4397DACTM MAXIM-MAX4397DACTM Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX4397DCTM MAXIM-MAX4397DCTM Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397S MAXIM-MAX4397S Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
More results

Similar Description - MAX4397_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX9598 MAXIM-MAX9598_09 Datasheet
504Kb / 36P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 1; 2/09
MAX4399 MAXIM-MAX4399_V01 Datasheet
452Kb / 33P
   Audio/Video Switch for Three SCART Connectors
19-2925; Rev 1; 7/06
MAX4399 MAXIM-MAX4399 Datasheet
544Kb / 33P
   Audio/Video Switch for Three SCART Connectors
Rev 0; 8/03
MAX9598 MAXIM-MAX9598 Datasheet
489Kb / 35P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 0; 2/08
MAX7457 MAXIM-MAX7457 Datasheet
62Kb / 3P
   Video Switch for Dual SCART Connectors
MAX9595 MAXIM-MAX9595 Datasheet
347Kb / 28P
   Audio/Video Switch for Dual SCART Connector
Rev 0; 1/06
MAX9595 MAXIM-MAX9595_V01 Datasheet
395Kb / 28P
   Audio/Video Switch for Dual SCART Connector
19-3946; Rev 2; 5/07
MAX9670 MAXIM-MAX9670_10 Datasheet
1,006Kb / 44P
   Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 1; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com