| Electronic Components Datasheet Search |
|
DS31256 Datasheet(PDF) 147 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS31256 Datasheet(HTML) 147 Page - Maxim Integrated Products |
|
147 / 183 page ![]() DS31256 256-Channel, High-Throughput HDLC Controller 147 of 183 11. LOCAL BUS 11.1 General Description The local bus can operate in two modes, either as a PCI bridge (master mode) or as a configuration bus (slave mode). This selection is made in hardware by connecting the LMS pin high or low. Figure 11-1 shows an example of the local bus operating in the PCI bridge mode. In this example, the host can access the control ports on the T1/E1 devices through the local bus. Figure 11-2 also shows an example of the PCI bridge mode, but the local bus arbitration is enabled, which allows a local CPU to control when the host can have access to the local bus. To access the local bus, the host must first request the bus and then wait until it is granted. Figure 11-3 features an example of the configuration mode. In this mode, the CPU on the local bus configures and monitors the DS31256. In this mode, the host on the PCI/custom bus cannot access the DS31256 and the PCI/custom bus is only used to transfer HDLC packet data to and from the host. Table 11-A lists all the local bus pins and their applications in both operating modes. The local bus operates only in a nonmultiplexed fashion; it is not capable of operating as a multiplexed bus. For both operating modes, the local bus can be set up for either Intel or Motorola type buses. This selection is made in hardware by connecting the LIM pin high or low. Table 11-A. Local Bus Signals SIGNAL FUNCTION PCI BRIDGE MODE (LMS = 0) CONFIGURATION MODE (LMS = 1) LD[0:15] Data Bus Input on Read/Output on Write Input on Write/Output on Read LA[0:19] Address Bus Output Input LWR (LR/W) Bus Write (Read/Write Select) Output Input LRD (LDS) Bus Read (Data Strobe) Output Input LBHE Byte High Enable Output Tri-stated LIM Intel/Motorola Select Input Input LINT Interrupt Input Output LMS Mode Select Input Input LCLK Bus Clock Output Tri-stated LRDY Bus Ready Input Ignored LCS Chip Select Ignored Input LHOLD ( LBR) Hold Request (Bus Request) Output Tri-stated LHLDA ( LBG) Hold Acknowledge (Bus Grant) Input Ignored LBGACK Bus Acknowledge Output Tri-stated Note: Signals shown in parentheses are active when Motorola mode (LIM = 1) is selected. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |