| Electronic Components Datasheet Search |
|
DS31256 Datasheet(PDF) 112 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS31256 Datasheet(HTML) 112 Page - Maxim Integrated Products |
|
112 / 183 page ![]() DS31256 256-Channel, High-Throughput HDLC Controller 112 of 183 DMA Updates to the Done Queue The host has two options for when the transmit DMA should write descriptors that have completed transmission to the done queue. On a channel-by-channel basis, through the done-queue select (DQS) bit in the transmit DMA configuration RAM, the host can condition the DMA to: 1) Write to the done queue only when the complete HDLC packet has been transmitted (DQS = 0). 2) Write to the done queue when each data buffer has been transmitted (DQS = 1). The status field in the done-queue descriptor is configured based on the setting of the DQS bit. If DQS = 0, it is set to 000 when a packet has successfully completed transmission to the status field. If DQS = 1, it is set to 001 when the first data buffer has successfully completed transmission to the status field. The status field is set to 010 when each middle buffer (i.e., the second through the next to last) has successfully completed transmission. The status field is set to 011 when the last data buffer of a packet has successfully completed transmission. Error Conditions While processing packets for transmission, the DMA can encounter a number of error conditions, which include the following: • PCI error (an abort error) • transmit FIFO underflow • channel is disabled (CHEN = 0) in the transmit DMA configuration RAM • channel number discrepancy between the pending queue and the packet descriptor • Byte count of 0 Bytes in the packet descriptor If any of these errors occur, the transmit DMA automatically disables the affected channel by setting the channel enable (CHEN) bit in the transmit DMA configuration RAM to 0. Then it writes the current descriptor into the done queue with the appropriate error status, as shown in Table 9-H. Table 9-H. Done-Queue Error-Status Conditions PACKET STATUS ERROR DESCRIPTION 100 Software provisioning error; this channel was not enabled 101 Descriptor error; either byte count = 0 or channel code inconsistent with pending queue 110 PCI error; either parity or abort 111 Transmit FIFO error; it has underflowed Since the transmit DMA has disabled the channel, any remaining queued descriptors are not transmitted and are written to the done queue with a packet status of 100 (i.e., reporting that the channel was not enabled). At this point the host has two options. Option 1: It can wait until all of the remaining queued descriptors are written to the done queue with an errored status, manually re-enable the channel by setting the CHEN bit to 1, and then re-queue all of the affected packets. Option 2: As soon as it detects an errored status, it can force the channel active again by setting the channel reset (CHRST) bit to 1 for the next descriptor that it writes to the pending queue for the affected channel. As soon as the transmit DMA detects that the CHRST is set to 1, it re-enables the channel by forcing the CHEN bit to 1. The DMA does not re-enable the channel until it has finished writing all of the previously queued descriptors to the done queue. Then the host can collect the errored descriptors as they arrive in the done queue and re-queue them for transmission by writing descriptors to the pending queue, so the transmit DMA knows where to find the packets that did not get transmitted (Note: The host must set the next-pending |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |