| Electronic Components Datasheet Search |
|
DS31256 Datasheet(PDF) 103 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS31256 Datasheet(HTML) 103 Page - Maxim Integrated Products |
|
103 / 183 page ![]() DS31256 256-Channel, High-Throughput HDLC Controller 103 of 183 - FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD - dword 0; Bits 0 to 31/Current Data Buffer Address. The current 32-bit address of the data buffer that is being used. This address is used by the DMA to track where data should be written to as it comes in from the receive FIFO. - FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD - dword 1; Bits 0 to 15/Current Descriptor Pointer. This 16-bit value is the offset from the receive descriptor base address of the current receive descriptor being used by the DMA to describe the specifics of the data stored in the associated data buffer. - FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD - dword 1; Bits 16 to 31/Starting Descriptor Pointer. This 16-bit value is the offset from the receive descriptor base address of the first receive descriptor in a link-list chain of descriptors. This pointer is written into the done queue by the DMA after a specified number of data buffers (see the threshold value below) have been filled. - HOST MUST CONFIGURE - dword 2; Bit 0/Channel Enable (CHEN). This bit is controlled by the host to enable and disable an HDLC channel. 0 = HDLC channel disabled 1 = HDLC channel enabled - HOST MUST CONFIGURE - dword 2; Bits 1, 2/Buffer Size Select. These bits are controlled by the host to select the manner in which the receive DMA stores incoming packet data. 00 = use large size data buffers only 01 = use small size data buffers only 10 = fill a small buffer first, followed then by large buffers as needed 11 = illegal state and should not be selected - FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD - dword 2; Bits 3 to 6/DMA Reserved. These could be any value when read. They should be set to 0 when the host writes to it. - HOST MUST CONFIGURE - dword 2; Bits 7 to 9/Threshold. These bits are controlled by the host to determine when the DMA should write into the done queue that data is available for processing. They cannot be set to 000 when in transparent mode (RTRANS = 1). 000 = DMA should write to the done queue only after packet reception is complete 001 = DMA should write to the done queue after 1 data buffer has been filled 010 = DMA should write to the done queue after 2 data buffers have been filled 011 = DMA should write to the done queue after 3 data buffers have been filled 100 = DMA should write to the done queue after 4 data buffers have been filled 101 = DMA should write to the done queue after 5 data buffers have been filled 110 = DMA should write to the done queue after 6 data buffers have been filled 111 = DMA should write to the done queue after 7 data buffers have been filled - FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD - dword 2; Bits 10 to 14/DMA Reserved. These could be any value when read. They should be set to 0 when the host writes to it. - FOR DMA USE ONLY/HOST CAN ONLY READ THIS FIELD - dword 2; Bit 15/First Buffer Fill (FBF). This bit is set to 1 by the receive DMA when it is in the process of filling the first buffer of a packet. The DMA uses this bit to determine when to switch to large buffers when the buffer size-select field is set to 10. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |