Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM0605H Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM0605H
Description  Carbonyl powder inductor.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM0605H Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM0605H Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0605H Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
8. Soldering and Mounting
(1) Soldering
(2) Solder re-flow:
(3) Soldering Iron:
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused
by the difference in coefficients of expansion between solder, chip and substrate. terminations are suitable for re-flow
soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot air soldering
tools.
Recommended temperature profiles for re-flow soldering in Figure 1.
Products attachment with a soldering iron is discouraged due to the inherent process control limitations. In the event that
a soldering iron must be employed the following precautions are recommended.
‧ Preheat circuit and products to 150℃
‧ Never contact the ceramic with the iron tip
‧ Use a 20 watt soldering iron with tip diameter of 1.0mm
‧ 355℃ tip temperature (max)
‧ 1.0mm tip diameter (max)
‧ Limit soldering time to 4~5sec.
Fig.2
SOLDERING
COOLING
NATURAL
PRE-HEATING
within 4~5s
Gradual cooling
350
150
TIME(sec.)
Iron Soldering
Over 60s
Iron Soldering times: 1 times max.
Reflow times: 3 times max.
Fig.1
60~180s
60~150s
217
150
TIME( sec.)
200
25
480s max.
PRE-HEATING
Reflow Soldering
SOLDERING
NATURAL
COOLING
TP(260/ 10s max.)
Rev 2.0 :
www.leiditech.com
12.01.2019
5/9
LM0605H-Series(G)-D


Similar Part No. - LM0605H

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM0603 LEIDITECH-LM0603 Datasheet
1Mb / 4P
AEC-200 Automotive Grade Certified
LM0603N103F3435FA LEIDITECH-LM0603N103F3435FA Datasheet
1Mb / 12P
PCB
LM0603NH103F3380FB LEIDITECH-LM0603NH103F3380FB Datasheet
1Mb / 10P
PCB
More results

Similar Description - LM0605H

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM1265H LEIDITECH-LM1265H Datasheet
1Mb / 6P
Carbonyl Powder
logo
Ferroxcube Internationa...
TX57-36-14 FERROXCUBE-TX57-36-14 Datasheet
44Kb / 3P
Alloy powder toroids
TX6.6-2.7-4.8 FERROXCUBE-TX6.6-2.7-4.8 Datasheet
43Kb / 3P
Alloy powder toroids
TX11-6.4-4 FERROXCUBE-TX11-6.4-4 Datasheet
44Kb / 3P
Alloy powder toroids
TX51-32-14 FERROXCUBE-TX51-32-14 Datasheet
43Kb / 3P
Alloy powder toroids
TX6.4-2.8-2.8 FERROXCUBE-TX6.4-2.8-2.8 Datasheet
44Kb / 3P
Alloy powder toroids
TX7.9-4-3.2 FERROXCUBE-TX7.9-4-3.2 Datasheet
44Kb / 3P
Alloy powder toroids
TX9.7-4.8-3.2 FERROXCUBE-TX9.7-4.8-3.2 Datasheet
44Kb / 3P
Alloy powder toroids
TN12-2P40 FERROXCUBE-TN12-2P40 Datasheet
47Kb / 3P
Iron powder toroids
TX13-7.6-4.8 FERROXCUBE-TX13-7.6-4.8 Datasheet
44Kb / 3P
Alloy powder toroids
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com