Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7168 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN7168
Description  Dual 5.8W Audio Power Amplifier Circuit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7168 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN7168 Datasheet HTML 1Page - Panasonic Semiconductor AN7168 Datasheet HTML 2Page - Panasonic Semiconductor AN7168 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AN7168
ICs for Audio Common Use
s Absolute Maximum Ratings (Ta= 25˚C)
VCC
ICC
PD
VCC (surge)
Topr
Tstg
Supply Voltage
Supply Current
Power Dissipation Note 1)
Peak Supply Voltage Note 2)
Operating Ambient Temperature
Storage Temperature
V
A
W
V
˚C
˚C
Parameter
Symbol
Rating
Unit
24
4
41.7
50
– 30 ~ + 75
– 55 ~ + 150
Note 1)
R θ j – c = 3˚C/W
Note 2)
Voltage applied time = 0.2s
Vi= 0mV
PO= 0.5W
PO= 0.5W, f= 1kHz
PO= 0.5W, f= 100Hz
PO= 0.5W, f= 10kHz
THD = 10%
THD = 10%, RL= 2
THD = 10%, RL= 8
Rg= 10k
Ω, 1000pF
f = 15Hz ~ 30kHz, 12dB/OCT
Rg= 10k
Ω, 1000pF, Without Filter
PO= 0.5W
PO= 0.5W
PO= 0.5W, Rg= 10k
Ω, V
ripple= 280mVrms,
fripple= 12Hz Sine wave
Vi= 0mV
Parameter
Symbol
Condition
min.
typ.
max.
Unit
s Electrical Characteristics (V
CC
= 13.2V, f = 1kHz, RL= 4
Ω, Ta= 25˚C)
55
54
0.1
0.1
0.2
5.7
8.9
3.1
0.8
1.1
0
50
45
0
Quiescent Circuit Current
Voltage Gain
Total Harmonic Distortion
Maximum Output
Output Noise Voltage
Channel Balance
Channel Separation
Ripple Rejection Ratio
Offset Voltage
ICQ
GV
THD
PO
Vno
CB
CS
RR
VO (offset)
mA
dB
%
W
mV
dB
dB
dB
mV
30
52
5
40
35
100
56
0.5
1.5
1
200
50
40
30
20
10
0
Ambient Temperature Ta (˚C)
120
200
40
0
PD – Ta
80
160
(1)
(1)
Tc= Ta (
θ
j – c= 3˚C/W)
(2)
With a 100cm
2
× 3mm Al
heat sink (black color coated)
or a 200cm
2
× 2mm Al heat
sink (not lacquered)
(3)
With a 100cm
2
× 2mm Al
heat sink (not lacquered)
(4)
Without heat sink
(2)
(3)
(4)


Similar Part No. - AN7168

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN7168 ETC2-AN7168 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AN7168

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7169 PANASONIC-AN7169 Datasheet
55Kb / 4P
   Dual 5.8W Audio Power Amplifier Circuit
logo
Toshiba Semiconductor
TA7270P TOSHIBA-TA7270P Datasheet
398Kb / 11P
   5.8W DUAL AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE1368 NTE-NTE1368 Datasheet
22Kb / 2P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W/Channel
logo
Toshiba Semiconductor
TA8208H TOSHIBA-TA8208H Datasheet
437Kb / 9P
   5.8W DUAL AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE1395 NTE-NTE1395 Datasheet
23Kb / 2P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W/Ch
NTE1398 NTE-NTE1398 Datasheet
22Kb / 2P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W/Ch
NTE1155 NTE-NTE1155 Datasheet
22Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5.8W
NTE1285 NTE-NTE1285 Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5.8W
NTE1830 NTE-NTE1830 Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W (19W BTL)
logo
Hangzhou Youwang Electr...
UTC7217 YOUWANG-UTC7217 Datasheet
73Kb / 4P
   5.8W AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com