Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7168 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN7168
Description  Dual 5.8W Audio Power Amplifier Circuit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7168 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN7168 Datasheet HTML 1Page - Panasonic Semiconductor AN7168 Datasheet HTML 2Page - Panasonic Semiconductor AN7168 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ICs for Audio Common Use
s Overview
The AN7168 is an integrated circuit designed for low
distortion, low noise and low power dissipation audio set
of 5.8W (13.2V, 4
Ω) output. Stereo operation is enabled
due to incorporating two amplifiers on one chip. 12-pin
SIL package enabled compact and high integrated set.
Thermal protection, short protection and excessive pro-
tection circuits are built in.
s Features
Highly stable operation
Low distortion
Low quiescent current
Low noise
Low shock noise from power ON/OFF operation
Built-in muting circuit
Fewer external components
Incorporating protection circuits
AN7168
Dual 5.8W Audio Power Amplifier Circuit
12
1
Unit : mm
5.9
±0.25 7.7±0.3 7.8±0.25
0.35
+ 0.1
– 0.05
ø 3.6
12-Lead SIP Package with Fin (HSIP012-P-0000A)
2
3
5
6
4
9
8
7
10
12
11
1
Input
Circuit
Driver
Circuit
Output
Circuit
GND (Output)
GND (Input)
VCC
Over Voltage
Over Current
Over Temperature
Protection
Input
Circuit
Driver
Circuit
Output
Circuit
s Block Diagram
s Pin Descriptions
Pin No.
Pin Name
1
2
3
4
5
6
NFB Ch.1
Input Ch.1
Ripple Filter
GND (Input)
Input Ch.2
NFB Ch.2
Pin No.
Pin Name
7
8
9
10
11
12
Output Ch.2
Bootstrap Ch.2
GND (Output)
VCC
Bootstrap Ch.1
Output Ch.1


Similar Part No. - AN7168

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN7168 ETC2-AN7168 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AN7168

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7169 PANASONIC-AN7169 Datasheet
55Kb / 4P
   Dual 5.8W Audio Power Amplifier Circuit
logo
Toshiba Semiconductor
TA7270P TOSHIBA-TA7270P Datasheet
398Kb / 11P
   5.8W DUAL AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE1368 NTE-NTE1368 Datasheet
22Kb / 2P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W/Channel
logo
Toshiba Semiconductor
TA8208H TOSHIBA-TA8208H Datasheet
437Kb / 9P
   5.8W DUAL AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE1395 NTE-NTE1395 Datasheet
23Kb / 2P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W/Ch
NTE1398 NTE-NTE1398 Datasheet
22Kb / 2P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W/Ch
NTE1155 NTE-NTE1155 Datasheet
22Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5.8W
NTE1285 NTE-NTE1285 Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5.8W
NTE1830 NTE-NTE1830 Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W (19W BTL)
logo
Hangzhou Youwang Electr...
UTC7217 YOUWANG-UTC7217 Datasheet
73Kb / 4P
   5.8W AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com