Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4850.1310 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 4850.1310
Description  , 3-pole, Socket, PCB terminals, DIN Plug/Socket
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4850.1310 Datasheet(HTML) 2 Page - Schurter Inc.

  4850.1310 Datasheet HTML 1Page - Schurter Inc. 4850.1310 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
DIN Plug/Socket
4850.2310
https://www.schurter.com /PG12
Appliance Inlet
Dimensions [mm]
14.0
1.8
13.0
2
1
3
3
1
2
3 Holes ø 0.9
0.9
6.8
3 Holes
2.2x0.7
13.5
PCB Component Side
All Variants
Product group
Diameter [mm]
Number of Poles
Terminal
Order Number
DIN Plug/Socket
9.0
3-pole
PCB terminals
4850.2310
Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging unit
125 Pcs
Mating Inlets/Plugs
Category / Description
DIN Plug/Socket Overview complete
, 3-pole, Plug, solder terminal, DIN Plug/Socket
4850.1310
DIN Plug/Socket further types to 4850.2310
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 4850.1310

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4850.1310 SCHURTER-4850.1310 Datasheet
223Kb / 2P
4850, 3-pole, Plug, solder terminal, DIN Plug/Socket
4850.1310 SCHURTER-4850.1310 Datasheet
227Kb / 2P
4850, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.1310 SCHURTER-4850.1310 Datasheet
221Kb / 2P
4850, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.1310 SCHURTER-4850.1310 Datasheet
224Kb / 2P
4850, 3-pole, Plug, solder terminal, DIN Plug/Socket
4850.1310 SCHURTER-4850.1310 Datasheet
221Kb / 2P
, 3-pole, Plug, solder terminal, DIN Plug/Socket
More results

Similar Description - 4850.1310

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4850.2300 SCHURTER-4850.2300 Datasheet
227Kb / 2P
4850, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2310 SCHURTER-4850.2310 Datasheet
221Kb / 2P
4850, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2300 SCHURTER-4850.2300_17 Datasheet
228Kb / 2P
4850, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2310 SCHURTER-4850.2310_17 Datasheet
222Kb / 2P
4850, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2610 SCHURTER-4850.2610_V01 Datasheet
235Kb / 2P
, 6-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2510 SCHURTER-4850.2510_V01 Datasheet
235Kb / 2P
, 5-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2300 SCHURTER-4850.2300_V01 Datasheet
241Kb / 2P
, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2610 SCHURTER-4850.2610_V02 Datasheet
235Kb / 2P
, 6-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
4850.2810 SCHURTER-4850.2810_V02 Datasheet
235Kb / 2P
, 8-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
4850.2400 SCHURTER-4850.2400_V02 Datasheet
240Kb / 2P
, 4-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com