Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06035J0R8BBS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 06035J0R8BBS
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

06035J0R8BBS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 06035J0R8BBS Datasheet HTML 2Page - NXP Semiconductors 06035J0R8BBS Datasheet HTML 3Page - NXP Semiconductors 06035J0R8BBS Datasheet HTML 4Page - NXP Semiconductors 06035J0R8BBS Datasheet HTML 5Page - NXP Semiconductors 06035J0R8BBS Datasheet HTML 6Page - NXP Semiconductors 06035J0R8BBS Datasheet HTML 7Page - NXP Semiconductors 06035J0R8BBS Datasheet HTML 8Page - NXP Semiconductors 06035J0R8BBS Datasheet HTML 9Page - NXP Semiconductors 06035J0R8BBS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
RF Device Data
NXP Semiconductors
A3I20X050N A3I20X050GN
Figure 4. A3I20X050GN Test Circuit Component Layout — 1800–2200 MHz
Note: All data measured in fixture with device soldered to heatsink.
A3l20X050GN
C18
C9
C10
R1
R2
R4
R3
C7
C12
C14
C11
C1
C2
C3
C4
C5
C6
C27
C28
C21
C13
C8
VGSP
VGSP
VDS1
VDS1
VDS2
VDS2
VGSC
VGSC
C26
C25
C24
Q1
Rev. 1
D116745
C19
C20
C22
C23
C17
C16
C15
aaa-035329
Table 8. A3I20X050GN Test Circuit Component Designations and Values — 1800–2200 MHz
Part
Description
Part Number
Manufacturer
C1, C2, C3, C4, C5, C6, C7, C8, C9, C10, C11, C12
10 F Chip Capacitor
C3225X7S1H106M250AB
TDK
C13, C14
10 nF Chip Capacitor
C0805C103K5RAC
Kemet
C15, C16, C17, C18, C19, C20, C21, C22, C23
10 pF Chip Capacitor
600S100JT250XT
ATC
C24
150 F, 100 V Electrolytic Capacitor
EEVFK2A151M
Panasonic
C25, 26
220 F, 100 V Electrolytic Capacitor
EEVFK2A221M
Panasonic
C27
0.8 pF Chip Capacitor
06035J0R8BBS
AVX
C28
1.8 pF Chip Capacitor
600S1R8BT250XT
ATC
Q1
RF Power LDMOS Amplifier
A3I20X050GN
NXP
R1, R2
2.2 k, 1/8 W Chip Resistor
CRCW08052K20JNEA
Vishay
R3, R4
10 , 1/8 W Chip Resistor
CRCW080510R0FKEA
Vishay
PCB
Rogers RO4350B, 0.020, r =3.66
D116745
MTL


Similar Part No. - 06035J0R8BBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
06035J0R8BBS NXP-06035J0R8BBS Datasheet
468Kb / 15P
   Heterostructure Field Effect Transistor (GaAs HFET)
Rev. 4.1, 10/2014
More results

Similar Description - 06035J0R8BBS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com