![]() |
Electronic Components Datasheet Search |
|
06035J0R8BBS Datasheet(PDF) 4 Page - NXP Semiconductors |
|
|
06035J0R8BBS Datasheet(HTML) 4 Page - NXP Semiconductors |
4 / 14 page ![]() 4 RF Device Data NXP Semiconductors A3I20X050N A3I20X050GN Table 5. Electrical Characteristics (TA =25C unless otherwise noted) (continued) Characteristic Symbol Min Typ Max Unit Functional Tests (1,2) (In NXP Production Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ(Carrier) = 160 mA, VGS(Peaking) =2.15 Vdc, Pout = 6.3 W Avg., f = 1840 MHz, Single--Carrier W--CDMA, IQ Magnitude Clipping, Input Signal PAR = 9.9 dB @ 0.01% Probability on CCDF. ACPR measured in 3.84 MHz Channel Bandwidth @ 5MHz Offset. Power Gain Gps 28.0 29.3 31.0 dB Power Added Efficiency PAE 36.7 39.5 — % Adjacent Channel Power Ratio ACPR — –37.2 –33.0 dBc Pout @ 3 dB Compression Point, CW P3dB 57.5 63.1 — W Wideband Ruggedness (In NXP Doherty Production Test Fixture, 50 ohm system) IDQ(Carrier) = 160 mA, VGS(Peaking) =2.15 Vdc, f = 1840 MHz, Additive White Gaussian Noise (AWGN) with 10 dB PAR ISBW < 120 MHz No Device Degradation ISBW > 120 MHz Maintain Pout at < 10 dB OBO and VDD at < 30 V Typical Performance (3) (In NXP Characterization Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ(Carrier) = 160 mA, VGS(Peaking) =2.15 Vdc, 1805–1880 MHz Bandwidth Pout @ 3 dB Compression Point (4) P3dB — 63.0 — W AM/PM (Maximum value measured at the P3dB compression point across the 1805–1880 MHz frequency range.) — –19 — VBW Resonance Point (IMD Third Order Intermodulation Inflection Point) VBWres — 190 — MHz Quiescent Current Accuracy over Temperature (5) with2k Gate Feed Resistors (–30 to 85C) Stage 1+2 (Carrier) IQT — 6.5 — % Gain Flatness in 75 MHz Bandwidth @ Pout =6.3 W Avg. GF — 0.3 — dB Gain Variation over Temperature (–40Cto+85C) G — 0.037 — dB/C Output Power Variation over Temperature (–40Cto+85C) P3dB — 0.009 — dB/C Table 6. Ordering Information Device Tape and Reel Information Package A3I20X050NR1 R1 Suffix = 500 Units, 32 mm Tape Width, 13--inch Reel OM--400--8 A3I20X050GNR1 OM--400G--8 1. Part internally input and output matched. 2. Measurements made with device in straight lead configuration before any lead forming operation is applied. Lead forming is used for gull wing (GN) parts. 3. All data measured in fixture with device soldered to heatsink. 4. P3dB = Pavg + 7.0 dB where Pavg is the average output power measured using an unclipped W--CDMA single--carrier input signal where output PAR is compressed to 7.0 dB @ 0.01% probability on CCDF. 5. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family, and to AN1987, Quiescent Current Control for the RF Integrated Circuit Device Family. Go to http://www.nxp.com/RF and search for AN1977 or AN1987. |
Similar Part No. - 06035J0R8BBS |
|
Similar Description - 06035J0R8BBS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |