Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06035J0R8BBS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 06035J0R8BBS
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

06035J0R8BBS Datasheet(HTML) 3 Page - NXP Semiconductors

  06035J0R8BBS Datasheet HTML 1Page - NXP Semiconductors 06035J0R8BBS Datasheet HTML 2Page - NXP Semiconductors 06035J0R8BBS Datasheet HTML 3Page - NXP Semiconductors 06035J0R8BBS Datasheet HTML 4Page - NXP Semiconductors 06035J0R8BBS Datasheet HTML 5Page - NXP Semiconductors 06035J0R8BBS Datasheet HTML 6Page - NXP Semiconductors 06035J0R8BBS Datasheet HTML 7Page - NXP Semiconductors 06035J0R8BBS Datasheet HTML 8Page - NXP Semiconductors 06035J0R8BBS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
A3I20X050N A3I20X050GN
3
RF Device Data
NXP Semiconductors
Table 5. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Carrier Stage 1 and Stage 2 — Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS1 =VDS2 =65 Vdc, VGS =0 Vdc)
IDSS(1+2)
10
Adc
Zero Gate Voltage Drain Leakage Current
(VDS1 =VDS2 =32 Vdc, VGS =0 Vdc)
IDSS(1+2)
1
nAdc
Carrier Stage 1 and Stage 2 — On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID =21 Adc)
VGSC(th)
0.7
1.7
2.4
Vdc
Gate Quiescent Voltage
(VDS =28 Vdc, IDQ(Carrier) = 160 mAdc)
VGSC(Q)
2.05
Vdc
Fixture Gate Quiescent Voltage
(VDD =28 Vdc, IDQ(Carrier) = 160 mAdc, Measured in Functional Test)
VGGC(Q)
4.8
5.1
5.5
Vdc
Peaking Stage 1 and Stage 2 — Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS1 =VDS2 =65 Vdc, VGS =0 Vdc)
IDSS(1+2)
10
Adc
Zero Gate Voltage Drain Leakage Current
(VDS1 =VDS2 =32 Vdc, VGS =0 Vdc)
IDSS(1+2)
1
nAdc
Peaking Stage 1 and Stage 2 — On Characteristics
Gate Threshold Voltage
(VDS1 =VDS2 =10 Vdc, ID =36 Adc)
VGSP(th)
0.7
1.7
2.4
Vdc
Drain--Source On--Voltage
(VGS2(Peaking) =10 Vdc, ID = 360 mAdc)
Stage 2
VDS(on)
0.05
0.2
0.3
Vdc
(continued)


Similar Part No. - 06035J0R8BBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
06035J0R8BBS NXP-06035J0R8BBS Datasheet
468Kb / 15P
Heterostructure Field Effect Transistor (GaAs HFET)
Rev. 4.1, 10/2014
More results

Similar Description - 06035J0R8BBS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
RF LDMOS Wideband Integrated Power Amplifiers
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com