| Electronic Components Datasheet Search |
|
SCIMX6DP4EVT2AB Datasheet(PDF) 134 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SCIMX6DP4EVT2AB Datasheet(HTML) 134 Page - NXP Semiconductors |
|
134 / 168 page ![]() i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products, Rev. 3, 11/2018 134 NXP Semiconductors Electrical Characteristics 4.12.21.2 UART RS-232 Serial Mode Timing The following sections describe the electrical information of the UART module in the RS-232 mode. 4.12.21.2.1 UART Transmitter Figure 94 depicts the transmit timing of UART in the RS-232 serial mode, with 8 data bit/1 stop bit format. Table 87 lists the UART RS-232 serial mode transmit timing characteristics. Figure 94. UART RS-232 Serial Mode Transmit Timing Diagram 4.12.21.2.2 UART Receiver Figure 95 depicts the RS-232 serial mode receive timing with 8 data bit/1 stop bit format. Table 88 lists serial mode receive timing characteristics. Figure 95. UART RS-232 Serial Mode Receive Timing Diagram Table 87. RS-232 Serial Mode Transmit Timing Parameters ID Parameter Symbol Min Max Unit UA1 Transmit Bit Time tTbit 1/Fbaud_rate 1 – T ref_clk 2 1 F baud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16. 2 T ref_clk: The period of UART reference clock ref_clk (ipg_perclk after RFDIV divider). 1/Fbaud_rate + Tref_clk — Table 88. RS-232 Serial Mode Receive Timing Parameters ID Parameter Symbol Min Max Unit UA2 Receive Bit Time1 1 The UART receiver can tolerate 1/(16 × Fbaud_rate) tolerance in each bit. But accumulation tolerance in one frame must not exceed 3/(16 × Fbaud_rate). tRbit 1/Fbaud_rate 2 – 1/(16 × Fbaud_rate) 2 F baud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16. 1/Fbaud_rate + 1/(16 × Fbaud_rate) — Bit 1 Bit 2 Bit 0 Bit 4 Bit 5 Bit 6 Bit 7 UARTx_TX_DATA (output) Bit 3 Start Bit STOP BIT NEXT START BIT POSSIBLE PARITY BIT Par Bit UA1 UA1 UA1 UA1 Bit 1 Bit 2 Bit 0 Bit 4 Bit 5 Bit 6 Bit 7 UARTx_RX_DATA (input) Bit 3 Start Bit STOP BIT NEXT START BIT POSSIBLE PARITY BIT Par Bit UA2 UA2 UA2 UA2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |