Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43172015 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 43172015
Description  Crimp contact - RC-6FP2000
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43172015 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  43172015 Datasheet HTML 1Page - PHOENIX CONTACT 43172015 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1603808
12.11.2013   Page 1 / 2
Crimp contact - RC-6FP2000 - 1603808
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Crimp contact, turned, Contact diameter: 1.5 mm, Crimp range: 0.75 mm²...1 mm²
Key commercial data
Packing unit
1 1
Weight per Piece (excluding packing)
1.33 GRM
Custom tariff number
85389099
Country of origin
Germany
Technical data
General
Contact type
turned
Contact diameter
1.5 mm
Contact type
Male connector
Connection type
Crimp connection
Insertion/withdrawal cycles mechanical
50
Litz wire cross section min.
0.75 mm²
Litz wire cross section max.
1 mm²
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260708
eCl@ss 7.0
27440312
eCl@ss 8.0
27440312


Similar Part No. - 43172015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
43172015 PHOENIX-43172015 Datasheet
43Kb / 2P
   Crimp contact - RC-6EP2000
43172015 PHOENIX-43172015 Datasheet
39Kb / 1P
   Coupler connector - SM-7EP1N8A9L02
12/10/13
43172015 PHOENIX-43172015 Datasheet
75Kb / 4P
   Device connector, front mounting - CA-12S1NA22S00
43172015 PHOENIX-43172015 Datasheet
63Kb / 4P
   Cable connector - CA-06S1N128007
43172015 PHOENIX-43172015 Datasheet
246Kb / 6P
   Cable connector - CA-07P1N12T007S
More results

Similar Description - 43172015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1603513 PHOENIX-1603513 Datasheet
51Kb / 2P
   Crimp contact - RC-5CP2000
1603498 PHOENIX-1603498 Datasheet
198Kb / 3P
   Crimp contact - RC-59P2000
1627290 PHOENIX-1627290 Datasheet
179Kb / 3P
   Crimp contact - RC-15S2200
1623777 PHOENIX-1623777 Datasheet
181Kb / 4P
   Crimp contact - RC-15P2020
1603505 PHOENIX-1603505 Datasheet
286Kb / 7P
   RC-5AP2000 - Crimp contact
1603517 PHOENIX-1603517 Datasheet
214Kb / 4P
   Crimp contact - RC-5CS2000
1627291 PHOENIX-1627291 Datasheet
161Kb / 3P
   Crimp contact - RC-15P2300
1627292 PHOENIX-1627292 Datasheet
162Kb / 3P
   Crimp contact - RC-15P2200
1603492 PHOENIX-1603492 Datasheet
189Kb / 2P
   Crimp contact - RC-58P2000
1597862 PHOENIX-1597862 Datasheet
58Kb / 2P
   Crimp contact - RC-12P2000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com