Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2669000000 Datasheet(PDF) 3 Page - Weidmuller

Part # 2669000000
Description  AITB 2.5 L-L
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2669000000 Datasheet(HTML) 3 Page - Weidmuller

  2669000000 Datasheet HTML 1Page - Weidmuller 2669000000 Datasheet HTML 2Page - Weidmuller 2669000000 Datasheet HTML 3Page - Weidmuller 2669000000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data sheet
 
AITB 2.5 L-L
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date September 14, 2021 3:36:41 AM CEST
 
Catalogue status 10.09.2021 / We reserve the right to make technical changes.
3
Rating data
 
Rated cross-section
2.5 mm²
  Rated voltage
400 V
Rated current
23 A
  Current at maximum wires
23 A
Standards
IEC 60947-7-1
  Volume resistance according to IEC
60947-7-x
1.33 mΩ
Rated impulse withstand voltage
4 kV
  Power loss in accordance with IEC
60947-7-x
0.77 W
Rated voltage (L / L)
400 V
  Rated voltage (L / N)
250 V
Rated voltage (L / PE)
250 V
  Pollution severity
3
Surge voltage category
III
   
 
Classifications
 
ETIM 6.0
EC001329
  ETIM 7.0
EC001329
ETIM 8.0
EC001329
  ECLASS 9.0
27-14-11-25
ECLASS 9.1
27-14-11-25
  ECLASS 10.0
27-14-11-25
ECLASS 11.0
27-14-11-25
   
 
Approvals
 
Approvals
 
Downloads
 
Approval/Certificate/Document of
Conformity
EU Declaration of Conformity
Engineering Data
STEP
User Documentation
BPZL A-INSTA 2.5 mm² 3-tier
Catalogues
Catalogues in PDF-format
 


Similar Part No. - 2669000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2669010000 WEIDMULLER-2669010000 Datasheet
154Kb / 4P
   AITB 2.5 L-L-PE
2669020000 WEIDMULLER-2669020000 Datasheet
156Kb / 4P
   AITB 2.5 N-L-PE
2669030000 WEIDMULLER-2669030000 Datasheet
159Kb / 4P
   AITB 2.5 NDT-L-PE
2669040000 WEIDMULLER-2669040000 Datasheet
158Kb / 4P
   AITB 2.5 LDT-L-PE
2669050000 WEIDMULLER-2669050000 Datasheet
156Kb / 4P
   AITB 2.5 LDT-L-PE W/O DTLV
More results

Similar Description - 2669000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2669010000 WEIDMULLER-2669010000 Datasheet
154Kb / 4P
   AITB 2.5 L-L-PE
2668900000 WEIDMULLER-2668900000 Datasheet
523Kb / 5P
   AITB 2.5 BB L-L
2668930000 WEIDMULLER-2668930000 Datasheet
530Kb / 5P
   AITB 2.5 BB L-L-PE
2668920000 WEIDMULLER-2668920000 Datasheet
516Kb / 5P
   AITB 2.5 BB L
2669020000 WEIDMULLER-2669020000 Datasheet
156Kb / 4P
   AITB 2.5 N-L-PE
2669030000 WEIDMULLER-2669030000 Datasheet
159Kb / 4P
   AITB 2.5 NDT-L-PE
2669040000 WEIDMULLER-2669040000 Datasheet
158Kb / 4P
   AITB 2.5 LDT-L-PE
2668910000 WEIDMULLER-2668910000 Datasheet
524Kb / 5P
   AITB 2.5 BB N-L
2668940000 WEIDMULLER-2668940000 Datasheet
530Kb / 5P
   AITB 2.5 BB N-L-PE
2668950000 WEIDMULLER-2668950000 Datasheet
543Kb / 5P
   AITB 2.5 BB NDT-L-PE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com