Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2669020000 Datasheet(PDF) 1 Page - Weidmuller

Part # 2669020000
Description  AITB 2.5 N-L-PE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2669020000 Datasheet(HTML) 1 Page - Weidmuller

  2669020000 Datasheet HTML 1Page - Weidmuller 2669020000 Datasheet HTML 2Page - Weidmuller 2669020000 Datasheet HTML 3Page - Weidmuller 2669020000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data sheet
 
 
Creation date September 14, 2021 3:36:58 AM CEST
 
Catalogue status 10.09.2021 / We reserve the right to make technical changes.
1
AITB 2.5 N-L-PE
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
 
Building installation wiring
For building installations, we offer a complete system
that revolves around the 10×3 copper rail and comprises
perfectly coordinated components: from installation
terminal blocks, neutral conductor terminal blocks and
distribution terminal blocks to comprehensive accessories
such as busbars and busbar holders.
General ordering data
 
Order No.
2669020000
Type
AITB 2.5 N-L-PE
GTIN (EAN)
4064675030607
Qty.
50 pc(s).
 


Similar Part No. - 2669020000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2669000000 WEIDMULLER-2669000000 Datasheet
150Kb / 4P
   AITB 2.5 L-L
2669010000 WEIDMULLER-2669010000 Datasheet
154Kb / 4P
   AITB 2.5 L-L-PE
2669030000 WEIDMULLER-2669030000 Datasheet
159Kb / 4P
   AITB 2.5 NDT-L-PE
2669040000 WEIDMULLER-2669040000 Datasheet
158Kb / 4P
   AITB 2.5 LDT-L-PE
2669050000 WEIDMULLER-2669050000 Datasheet
156Kb / 4P
   AITB 2.5 LDT-L-PE W/O DTLV
More results

Similar Description - 2669020000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2669010000 WEIDMULLER-2669010000 Datasheet
154Kb / 4P
   AITB 2.5 L-L-PE
2668940000 WEIDMULLER-2668940000 Datasheet
530Kb / 5P
   AITB 2.5 BB N-L-PE
2669030000 WEIDMULLER-2669030000 Datasheet
159Kb / 4P
   AITB 2.5 NDT-L-PE
2668930000 WEIDMULLER-2668930000 Datasheet
530Kb / 5P
   AITB 2.5 BB L-L-PE
2669040000 WEIDMULLER-2669040000 Datasheet
158Kb / 4P
   AITB 2.5 LDT-L-PE
2668950000 WEIDMULLER-2668950000 Datasheet
543Kb / 5P
   AITB 2.5 BB NDT-L-PE
2669000000 WEIDMULLER-2669000000 Datasheet
150Kb / 4P
   AITB 2.5 L-L
2668910000 WEIDMULLER-2668910000 Datasheet
524Kb / 5P
   AITB 2.5 BB N-L
2668900000 WEIDMULLER-2668900000 Datasheet
523Kb / 5P
   AITB 2.5 BB L-L
2669050000 WEIDMULLER-2669050000 Datasheet
156Kb / 4P
   AITB 2.5 LDT-L-PE W/O DTLV
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com