Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2669040000 Datasheet(PDF) 1 Page - Weidmuller

Part # 2669040000
Description  AITB 2.5 LDT-L-PE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2669040000 Datasheet(HTML) 1 Page - Weidmuller

  2669040000 Datasheet HTML 1Page - Weidmuller 2669040000 Datasheet HTML 2Page - Weidmuller 2669040000 Datasheet HTML 3Page - Weidmuller 2669040000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data sheet
 
 
Creation date September 14, 2021 3:36:52 AM CEST
 
Catalogue status 10.09.2021 / We reserve the right to make technical changes.
1
AITB 2.5 LDT-L-PE
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
 
Building installation wiring
For building installations, we offer a complete system
that revolves around the 10×3 copper rail and comprises
perfectly coordinated components: from installation
terminal blocks, neutral conductor terminal blocks and
distribution terminal blocks to comprehensive accessories
such as busbars and busbar holders.
General ordering data
 
Order No.
2669040000
Type
AITB 2.5 LDT-L-PE
GTIN (EAN)
4064675030621
Qty.
50 pc(s).
 


Similar Part No. - 2669040000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2669000000 WEIDMULLER-2669000000 Datasheet
150Kb / 4P
   AITB 2.5 L-L
2669010000 WEIDMULLER-2669010000 Datasheet
154Kb / 4P
   AITB 2.5 L-L-PE
2669020000 WEIDMULLER-2669020000 Datasheet
156Kb / 4P
   AITB 2.5 N-L-PE
2669030000 WEIDMULLER-2669030000 Datasheet
159Kb / 4P
   AITB 2.5 NDT-L-PE
2669050000 WEIDMULLER-2669050000 Datasheet
156Kb / 4P
   AITB 2.5 LDT-L-PE W/O DTLV
More results

Similar Description - 2669040000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2669050000 WEIDMULLER-2669050000 Datasheet
156Kb / 4P
   AITB 2.5 LDT-L-PE W/O DTLV
2668990000 WEIDMULLER-2668990000 Datasheet
152Kb / 4P
   AITB 2.5 LDT-L W/O DTLV
2669010000 WEIDMULLER-2669010000 Datasheet
154Kb / 4P
   AITB 2.5 L-L-PE
2669020000 WEIDMULLER-2669020000 Datasheet
156Kb / 4P
   AITB 2.5 N-L-PE
2669030000 WEIDMULLER-2669030000 Datasheet
159Kb / 4P
   AITB 2.5 NDT-L-PE
2668930000 WEIDMULLER-2668930000 Datasheet
530Kb / 5P
   AITB 2.5 BB L-L-PE
2668940000 WEIDMULLER-2668940000 Datasheet
530Kb / 5P
   AITB 2.5 BB N-L-PE
2668950000 WEIDMULLER-2668950000 Datasheet
543Kb / 5P
   AITB 2.5 BB NDT-L-PE
2668980000 WEIDMULLER-2668980000 Datasheet
155Kb / 4P
   AITB 2.5 LDT-L Weidm체ller Interface GmbH & Co. KG
2669000000 WEIDMULLER-2669000000 Datasheet
150Kb / 4P
   AITB 2.5 L-L
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com