Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC7448ECS02AD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPC7448ECS02AD
Description  MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7448ECS02AD Datasheet(HTML) 2 Page - NXP Semiconductors

  MPC7448ECS02AD Datasheet HTML 1Page - NXP Semiconductors MPC7448ECS02AD Datasheet HTML 2Page - NXP Semiconductors MPC7448ECS02AD Datasheet HTML 3Page - NXP Semiconductors MPC7448ECS02AD Datasheet HTML 4Page - NXP Semiconductors MPC7448ECS02AD Datasheet HTML 5Page - NXP Semiconductors MPC7448ECS02AD Datasheet HTML 6Page - NXP Semiconductors MPC7448ECS02AD Datasheet HTML 7Page - NXP Semiconductors MPC7448ECS02AD Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series, Rev. 2
2
Freescale Semiconductor
General Parameters
4
General Parameters
Core power supply
1.3 V
(1700L MHz revision level D devices)
1.15 V
(1400N MHz devices)
1.1 V
(1267N MHz revision level C devices)
1.05 V
(1267N MHz revision level D devices)
1.0 V
(1000N MHz devices)
Note: See Section 5.1, “DC Electrical Characteristics,” for information regarding VDD
specifications for 1400 MHz device.
5.1
DC Electrical Characteristics
Table 4 provides the recommended operating conditions for the MPC7448 part numbers described here.
NOTE
Table 4 describes the nominal operating conditions of the device. For
information on the operation of the device at supported derated core voltage
conditions, see Section 5.3, “Voltage and Frequency Derating.”
Table A. Part Numbers Addressed by This Data Sheet
Freescale
Part Number
Operating Conditions
Significant Differences from
Hardware Specifications
CPU
Frequency
(MHz)
VDD
Tj
(•C)
C)
MC7448THX1000Nx
1000
1.0 V ± 50 mV
–40 to 105
Modified core frequency and voltage to reduce
power consumption, extended operating
temperature.
MC7448THX1267NC
1267
1.1 V ± 50 mV
MC7448THX1267ND
1267
1.05 V ± 50 mV
MC7448THX1400Nx
1400
1.15 V ± 50 mV 2
MC7448THX1700LD
1700
1.3 V +20/-50 mV
PPC7448THX1000Nx 1
1000
1.0 V ± 50 mV
PPC7448THX1267NC1
1267
1.1 V ± 50 mV
PPC7448THX1267ND1
1267
1.05 V ± 50 mV
PPC7448THX1400Nx1
1400
1.15 V ± 50 mV 2
Note:
1. The P prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP 3-13. These
parts have only preliminary reliability and characterization data. Before pilot production prototypes can be shipped, written
authorization from the customer must be on file in the applicable sales office acknowledging the qualification status and the
fact that product changes may still occur as pilot production prototypes are shipped.
2See Section 5.1, “DC Electrical Characteristics,” for information regarding VDD specifications for 1400 MHz device.


Similar Part No. - MPC7448ECS02AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC7448ECS01AD NXP-MPC7448ECS01AD Datasheet
165Kb / 12P
MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
More results

Similar Description - MPC7448ECS02AD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC7448 FREESCALE-MPC7448_07 Datasheet
478Kb / 8P
Hardware Specifications Addendum for the MC7448T xxnnnnmx Series
MPC8640 FREESCALE-MPC8640 Datasheet
446Kb / 8P
Integrated Host Processor Hardware Specifications Addendum for the MC8640xTxxyyyyaC Series
MPC8641 FREESCALE-MPC8641 Datasheet
446Kb / 8P
Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
MC7448TVU1000ND FREESCALE-MC7448TVU1000ND Datasheet
121Kb / 12P
MPC7448 Hardware Specifications
logo
NXP Semiconductors
MPC755ECS02AD NXP-MPC755ECS02AD Datasheet
507Kb / 8P
MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC7n5BxxnnnLD Series
Rev. 2.1, 02/2006
MPC7410ECS02AD NXP-MPC7410ECS02AD Datasheet
501Kb / 8P
MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MPC7410ECS08AD NXP-MPC7410ECS08AD Datasheet
463Kb / 5P
MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TxxnnnLE Series
Rev. 1, 11/2010
MPC7448ECS01AD NXP-MPC7448ECS01AD Datasheet
165Kb / 12P
MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
MPC7410ECS05AD NXP-MPC7410ECS05AD Datasheet
155Kb / 12P
MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410RXnnnPE Series
Rev. 1.1, 04/2005
MPC7410ECS06AD NXP-MPC7410ECS06AD Datasheet
119Kb / 8P
MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TRXnnnLE Series
Rev. 1.1, 04/2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com