Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43172015 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 43172015
Description  Cable connector - RC-63S1N12T0R9
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43172015 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  43172015 Datasheet HTML 1Page - PHOENIX CONTACT 43172015 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1621785
09/19/2014   Page 1 / 2
Cable connector - RC-63S1N12T0R9 - 1621785
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cable connector, angled, shielded: Yes, Screw locking, M23, Number of positions: 6+3, Type of contact: Socket,
Solder connection, Cable diameter: 8 mm ... 9.5 mm
The figure shows the 12-pos. product
version
 
Key commercial data
Packing unit
1 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Product type
Circular connector (cable-side)
Cable diameter
8 mm ... 9.5 mm
Coding
N
Type
Cable connector
Number of positions
9
Thread
M23
Rated voltage (IEC)
150
Rated current (IEC)
20
Knurl material
Metal
Shielding
Yes
Signal type
Signal
Connection method
Solder connection


Similar Part No. - 43172015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
43172015 PHOENIX-43172015 Datasheet
246Kb / 6P
Cable connector - CA-07P1N12T007S
43172015 PHOENIX-43172015 Datasheet
75Kb / 4P
Device connector, front mounting - CA-12S1NA22S00
43172015 PHOENIX-43172015 Datasheet
68Kb / 4P
Device connector, rear mounting - CA-19P1N12HZ00
43172015 PHOENIX-43172015 Datasheet
63Kb / 4P
Cable connector - CA-06S1N128007
43172015 PHOENIX-43172015 Datasheet
72Kb / 4P
Device connector, front mounting - CA-17S1N122S00
More results

Similar Description - 43172015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1595301 PHOENIX-1595301 Datasheet
67Kb / 3P
Cable connector - RC-09P1N12T0EQ
12/06/2018
1595802 PHOENIX-1595802 Datasheet
68Kb / 3P
Cable connector - RC-09S1N121500
12/06/2018
1595283 PHOENIX-1595283 Datasheet
249Kb / 3P
Cable connector - RC-09P1N12T049
1598645 PHOENIX-1598645 Datasheet
62Kb / 2P
Cable connector - RC-12S1N1280K5
12/06/2018
1597527 PHOENIX-1597527 Datasheet
65Kb / 3P
Cable connector - RC-12P1N8A80EP
12/06/2018
1611331 PHOENIX-1611331 Datasheet
243Kb / 2P
Cable connector - RC-17S1N12T0EQ
1601016 PHOENIX-1601016 Datasheet
63Kb / 2P
Cable connector - RC-16S1N12T0EM
12/06/2018
1602150 PHOENIX-1602150 Datasheet
63Kb / 2P
Cable connector - RC-17S1N8A80GK
12/06/2018
1607018 PHOENIX-1607018 Datasheet
46Kb / 2P
Cable gland - RC-Z2414
1607019 PHOENIX-1607019 Datasheet
46Kb / 2P
Cable gland - RC-Z2417
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com