Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC66103HNT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # CLRC66103HNT
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC66103HNT Datasheet(HTML) 1 Page - NXP Semiconductors

  CLRC66103HNT Datasheet HTML 1Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 2Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 3Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 4Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 5Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 6Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 7Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 8Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 152 page
background image
CLRC661
High performance NFC frontend CLRC661 plus
Rev. 3.7 — 23 June 2021
Product data sheet
456937
COMPANY PUBLIC
1 General description
CLRC661, the high performance multiprotocol NFC frontend.
The CLRC661 multiprotocol NFC frontend IC supports the following operating modes
• Read/write mode supporting ISO/IEC 14443 type A and MIFARE Classic
communication mode
• Read/write mode supporting ISO/IEC 15693
• Read/write mode supporting ICODE EPC UID/ EPC OTP
• Read/write mode supporting ISO/IEC 18000-3 mode 3/ EPC Class-1 HF
The CLRC661’s internal transmitter is able to drive a reader/writer antenna designed
to communicate with ISO/IEC 14443A and MIFARE Classic IC-based cards and
transponders without additional active circuitry. The digital module manages the complete
ISO/IEC 14443A framing and error detection functionality (parity and CRC).
The CLRC661 supports the communication of MIFARE Classic with 1K memory, MIFARE
Classic with 4K memory, MIFARE Ultralight, MIFARE Ultralight C, MIFARE Plus, and
MIFARE DESFire products. The CLRC661 supports higher transfer speeds of the
MIFARE family up to 848 kbit/s in both directions.
The CLRC661 supports the vicinity protocol according to ISO/IEC15693, EPC UID and
ISO/IEC 18000-3 mode 3/ EPC Class-1 HF.
The following host interfaces are supported:
• Serial Peripheral Interface (SPI)
• Serial UART (similar to RS232 with voltage levels dependent on pin voltage supply)
• I2C-bus interface (two versions are implemented: I2C and I2CL)
The CLRC661 supports the connection of a secure access module (SAM). A dedicated
separate I2C interface is implemented for a connection of the SAM. The SAM can be
used for high secure key storage and acts as a very performant cryptocoprocessor. A
dedicated SAM is available for connection to the CLRC661.
In this document, the term „MIFARE Classic card“ refers to a MIFARE Classic IC-based
contactless card.


Similar Part No. - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC66103HNE NXP-CLRC66103HNE Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNK NXP-CLRC66103HNK Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNY NXP-CLRC66103HNY Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
More results

Similar Description - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.1 - 1 June 2023
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
   NFC frontend
Rev. 3.3 ??19 April 2022
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
   NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
   NFC frontend
Rev. 3.7 - 6 November 2023
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com