Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC66103HNT Datasheet(PDF) 77 Page - NXP Semiconductors

Part # CLRC66103HNT
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC66103HNT Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button CLRC66103HNT Datasheet HTML 73Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 74Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 75Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 76Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 77Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 78Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 79Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 80Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 152 page
background image
NXP Semiconductors
CLRC661
High performance NFC frontend CLRC661 plus
Bit
7
6
5
4
3
2
1
0
Access
rights
dy
w
r/w
r/w
r/w
r/w
r/w
Table 114. T4Control register (address 23h)...continued
Bit
Symbol
Description
7
T4Running
Shows if the timer T4 is running. If the bit T4StartStopNow is set,
this bit and the timer T4 can be started/stopped.
6
T4Start
StopNow
if set, the bit T4Running can be changed.
5
T4AutoTrimm
If set to one, the timer activates an LFO trimming procedure when it
underflows. For the T4AutoTrimm function, at least one timer (T0 to
T3) has to be configured properly for trimming (T3 is not allowed if
T4AutoLPCD is set in parallel).
4
T4AutoLPCD
If set to one, the timer activates a low-power card detection
sequence. If a card is detected an interrupt request is raised and
the system remains active if enabled. If no card is detected the
CLRC661 enters the Power down mode if enabled. The timer is
automatically restarted (no gap). Timer 3 is used to specify the time
where the RF field is enabled to check if a card is present. Therefore
you may not use Timer 3 for T4AutoTrimm in parallel.
3
T4AutoRestart
Set to logic 1, the timer automatically restarts its countdown from
T4ReloadValue, after the counter value has reached the value
zero. Set to logic 0 the timer decrements to zero and stops. The bit
Timer4IRQ is set to logic 1 at timer underflow.
2
T4AutoWakeUp If set, the CLRC661 wakes up automatically, when the timer T4 has
an underflow. This bit has to be set if the IC should enter the Power
down mode after T4AutoTrimm and/or T4AutoLPCD is finished and
no card has been detected. If the IC should stay active after one of
these procedures, this bit has to be set to 0.
1 to 0
T4Clk
00b - the timer input clock is the LFO clock
01b - the timer input clock is the LFO clock/8
10b - the timer input clock is the LFO clock/16
11b - the timer input clock is the LFO clock/32
Table 115. T4Control bits
9.7.2.21 T4ReloadHi
High byte of the reload value of the 16-bit timer 4.
Bit
7
6
5
4
3
2
1
0
Symbol
T4ReloadHi
Access
rights
r/w
Table 116. T4ReloadHi register (address 24h)
CLRC661
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.7 — 23 June 2021
COMPANY PUBLIC
456937
77 / 152


Similar Part No. - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC66103HNE NXP-CLRC66103HNE Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNK NXP-CLRC66103HNK Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNY NXP-CLRC66103HNY Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
More results

Similar Description - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.1 - 1 June 2023
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
   NFC frontend
Rev. 3.3 ??19 April 2022
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
   NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
   NFC frontend
Rev. 3.7 - 6 November 2023
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com