Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC66103HNT Datasheet(PDF) 71 Page - NXP Semiconductors

Part # CLRC66103HNT
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC66103HNT Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button CLRC66103HNT Datasheet HTML 67Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 68Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 69Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 70Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 71Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 72Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 73Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 74Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 152 page
background image
NXP Semiconductors
CLRC661
High performance NFC frontend CLRC661 plus
Bit
Symbol
Description
7
T1StopRx
If set, the timer stops after receiving the first 4 bits. If cleared, the
timer is not stopped automatically.
Note: If LFO trimming is selected by T1start, this bit has no effect.
6
-
RFU
5 to 4
T1Start
00b: The timer is not started automatically
01 b: The timer starts automatically at the end of the transmission
10 b: Timer is used for LFO trimming without underflow (Start/Stop on
PosEdge)
11 b: Timer is used for LFO trimming with underflow (Start/Stop on
PosEdge)
3
T1AutoRestart Set to logic 1, the timer automatically restarts its countdown from
T1ReloadValue, after the counter value has reached the value zero.
Set to logic 0 the timer decrements to zero and stops.
The bit Timer1IRQ is set to logic 1 when the timer underflows.
2
-
RFU
1 to 0
T1Clk
00 b: The timer input clock is 13.56 MHz
01 b: The timer input clock is 211,875 kHz.
10 b: The timer input clock is an underflow of Timer0
11 b: The timer input clock is an underflow of Timer2
Table 85. T1Control bits
9.7.2.6 T1ReloadHi
High byte (MSB) reload value of the Timer1.
Bit
7
6
5
4
3
2
1
0
Symbol
T1ReloadHi
Access
rights
r/w
Table 86. T0ReloadHi register (address 15h)
Bit
Symbol
Description
7 to 0
T1ReloadHi
Defines the high byte reload value of the Timer 1. With the start event,
the timer loads the value of the T1ReloadValHi and T1ReloadValLo.
Changing this register affects the Timer only at the next start event.
Table 87. T1ReloadHi bits
9.7.2.7 T1ReloadLo
Low byte (LSB) reload value of the Timer1.
Bit
7
6
5
4
3
2
1
0
Symbol
T1ReloadLo
Access
rights
r/w
Table 88. T1ReloadLo register (address 16h)
CLRC661
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.7 — 23 June 2021
COMPANY PUBLIC
456937
71 / 152


Similar Part No. - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC66103HNE NXP-CLRC66103HNE Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNK NXP-CLRC66103HNK Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNY NXP-CLRC66103HNY Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
More results

Similar Description - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.1 - 1 June 2023
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
   NFC frontend
Rev. 3.3 ??19 April 2022
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
   NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
   NFC frontend
Rev. 3.7 - 6 November 2023
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com