Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC66103HNT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # CLRC66103HNT
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC66103HNT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button CLRC66103HNT Datasheet HTML 3Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 4Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 5Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 6Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 7Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 8Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 9Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 10Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 152 page
background image
NXP Semiconductors
CLRC661
High performance NFC frontend CLRC661 plus
7 Pinning information
001aam004
heatsink
Transparent top view
TX1
(1)
DVDD
VDD
TVDD
SIGOUT
XTAL1
SIGIN/OUT7
XTAL2
TCK/OUT3
PDOWN
TMS/OUT2
CLKOUT/OUT6
TDI/OUT1
SCL
TDO/OUT0
SDA
8
17
7
18
6
19
5
20
4
21
3
22
2
23
1
24
terminal 1
index area
1. VSS - heat sink connection
Figure 2. Pinning configuration HVQFN32 (SOT617-1)
7.1 Pin description
Pin
Symbol
Type
Description
1
TDO / OUT0
O
test data output for boundary scan interface / general purpose output 0
2
TDI / OUT1
I
test data input boundary scan interface / general purpose output 1
3
TMS / OUT2
I
test mode select boundary scan interface / general purpose output 2
4
TCK / OUT3
I
test clock boundary scan interface / general purpose output 3
5
SIGIN /OUT7
I/O
Contactless communication interface output. / general purpose output 7
6
SIGOUT
O
Contactless communication interface input.
7
DVDD
PWR
digital power supply buffer [1]
8
VDD
PWR
power supply
9
AVDD
PWR
analog power supply buffer [1]
10
AUX1
O
auxiliary outputs: Pin is used for analog test signal
11
AUX2
O
auxiliary outputs: Pin is used for analog test signal
12
RXP
I
receiver input pin for the received RF signal.
13
RXN
I
receiver input pin for the received RF signal.
14
VMID
PWR
internal receiver reference voltage [1]
15
TX2
O
transmitter 2: delivers the modulated 13.56 MHz carrier
16
TVSS
PWR
transmitter ground, supplies the output stage of TX1, TX2
17
TX1
O
transmitter 1: delivers the modulated 13.56 MHz carrier
Table 3. Pin description
CLRC661
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.7 — 23 June 2021
COMPANY PUBLIC
456937
7 / 152


Similar Part No. - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC66103HNE NXP-CLRC66103HNE Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNK NXP-CLRC66103HNK Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNY NXP-CLRC66103HNY Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
More results

Similar Description - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.1 - 1 June 2023
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
   NFC frontend
Rev. 3.3 ??19 April 2022
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
   NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
   NFC frontend
Rev. 3.7 - 6 November 2023
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com