Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC66103HNT Datasheet(PDF) 45 Page - NXP Semiconductors

Part # CLRC66103HNT
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC66103HNT Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button CLRC66103HNT Datasheet HTML 41Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 42Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 43Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 44Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 45Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 46Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 47Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 48Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 152 page
background image
NXP Semiconductors
CLRC661
High performance NFC frontend CLRC661 plus
Address 0 (8)
1 (9)
2 (A)
3 (B)
4 (C)
5 (D)
6 (E)
7 (F)
80
12
88
00
00
00
00
00
00
TxBitMod
RFU
TxDataCon TxDataMod TxSymFreq TxSym0H
TySym0L
TxSym1H
88
20
xx
04
50
40
00
00
00
TxSym1L
TxSym2
TxSym3
TxSym10Le
ngth
TxSym32Le
ngth
TxSym32Bu
rstCtrl
TxSym10M
od
TxSym32M
od
90
0x00
0x00
0x00
0x00
0x00
0x00
0x00
0x50
RxBitMod
RxEOFSym RxSyncValH RxSyncValL RxSyncMod RxMod
RXCorr
FabCal
98
0x02
0x00
0x00
0x01
0x00
0x08
0x08
0xB2
Table 36. Register reset values (Hex.)(Page1 and page 2)...continued
8.8 Clock generation
8.8.1 Crystal oscillator
The clock applied to the CLRC661 acts as time basis for generation of the carrier sent
out at TX and for the quadrature mixer I and Q clock generation as well as for the coder
and decoder of the synchronous system. Therefore stability of the clock frequency is an
important factor for proper performance. To obtain highest performance, clock jitter has to
be as small as possible. This is best achieved by using the internal oscillator buffer with
the recommended circuitry.
001aam308
27.12 MHz
XTAL1 XTAL2
READER IC
Figure 28. Crystal connection
Symbol
Parameter
Conditions
Min
Typ
max
Unit
fxtal
crystal frequency
-
27.12
-
MHz
Δfxtal/fxtal
relative crystal
frequency variation
-250
-
+250
ppm
ESR
equivalent series
resistance
-
50
100
Ω
CL
load capacitance
-
10
-
pF
Pxtal
crystal power
dissipation
-
50
100
μW
Table 37. Crystal requirements recommendations
CLRC661
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.7 — 23 June 2021
COMPANY PUBLIC
456937
45 / 152


Similar Part No. - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC66103HNE NXP-CLRC66103HNE Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNK NXP-CLRC66103HNK Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNY NXP-CLRC66103HNY Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
More results

Similar Description - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.1 - 1 June 2023
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
   NFC frontend
Rev. 3.3 ??19 April 2022
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
   NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
   NFC frontend
Rev. 3.7 - 6 November 2023
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com