Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC66103HNT Datasheet(PDF) 44 Page - NXP Semiconductors

Part # CLRC66103HNT
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC66103HNT Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button CLRC66103HNT Datasheet HTML 40Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 41Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 42Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 43Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 44Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 45Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 46Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 47Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 152 page
background image
NXP Semiconductors
CLRC661
High performance NFC frontend CLRC661 plus
Address 0 (8)
1 (9)
2 (A)
3 (B)
4 (C)
5 (D)
6 (E)
7 (F)
08
XX
XX
XX
XX
XX
XX
XX
XX
Function TrimLFO
Factory trim values
10
XX
XX
XX
XX
XX
XX
XX
XX
Function Factory trim values
18....
XX
XX
XX
XX
XX
XX
XX
XX
Factory trim values
....38
XX
XX
XX
XX
XX
XX
XX
XX
Table 35. Register reset values (Hex.) (Page0)...continued
The register reset values are configuration parameters used after startup of the IC. They
can be changed to modify the default behavior of the device. In addition to these register
reset values, is the possibility to load settings for various users implemented protocols.
The load protocol command is used for this purpose.
Address 0 (8)
1 (9)
2 (A)
3 (B)
4 (C)
5 (D)
6 (E)
7 (F)
Command
HostCtrl
FiFoControl WaterLevel FiFoLength FiFoData
IRQ0
IRQ1
40
40
00
80
05
00
00
00
00
IRQ0En
IRQ1En
Error
Status
RxBitCtrl
RxColl
TControl
T0Control
48
10
00
00
00
00
00
00
00
T0ReloadHi T0ReloadLo T0Counter
ValHi
T0Counter
ValLo
T1Control
T1ReloadHi T1ReloadLo T1Counter
ValHi
50
00
80
00
00
00
00
80
00
T1Counter
ValLo
T2Control
T2ReloadHi T2ReloadLo T2Counter
ValHi
T2Counter
ValLo
T3Control
T3ReloadHi
58
00
00
00
80
00
00
00
00
T3ReloadLo T3Counter
ValHi
T3Counter
ValHi
T4Control
T4ReloadHi T4ReloadLo T4Counter
ValHi
T4Counter
ValLo
60
80
00
00
00
00
80
00
00
DrvMode
TxAmp
DrvCon
Txl
TxCRC
Preset
RxCRC
Preset
TxDataNum TxModWith
68
86
15
11
06
18
18
08
27
TxSym10
BurstLen
TxWaitCtrl
TxWaitLo
FrameCon
RxSofD
RxCtrl
RxWait
RxThres
hold
70
00
C0
12
CF
00
04
90
3F
Rcv
RxAna
RFU
SerialSpeed LFO_trimm PLL_Ctrl
PLL_Div
LPCD_QMin
78
12
0A
00
7A
80
04
20
48
LPCD_
QMax
LPCD_IMin LPCD _
result_I
LPCD _
result_Q
PadEn
PadOut
PadIn
SigOut
Table 36. Register reset values (Hex.)(Page1 and page 2)
CLRC661
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.7 — 23 June 2021
COMPANY PUBLIC
456937
44 / 152


Similar Part No. - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC66103HNE NXP-CLRC66103HNE Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNK NXP-CLRC66103HNK Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNY NXP-CLRC66103HNY Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
More results

Similar Description - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.1 - 1 June 2023
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
   NFC frontend
Rev. 3.3 ??19 April 2022
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
   NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
   NFC frontend
Rev. 3.7 - 6 November 2023
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com