Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC66103HNT Datasheet(PDF) 41 Page - NXP Semiconductors

Part # CLRC66103HNT
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC66103HNT Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button CLRC66103HNT Datasheet HTML 37Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 38Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 39Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 40Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 41Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 42Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 43Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 44Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 152 page
background image
NXP Semiconductors
CLRC661
High performance NFC frontend CLRC661 plus
of the EEPROM, which are called Sections. Five sections 0..4 with different purpose do
exist.
Section
Page
Byte
addresses
Access
rights
Memory content
00 to 31
r
product information and configuration
0
0
32 to 63
r/w
product configuration
1
1 to 2
64 to 191
r/w
register reset
2
3 to 95
192 to 6143
r/w
free
3
96 to 111
6144 to 7167
w
MIFARE Classic key
4
112 to 127
7168 to 8191
r
Register Set Protocol (RSP)
Table 28. EEPROM memory organization
The following figure shows the structure of the EEPROM:
001aan359
Production and config
Section 0:
Register reset
Section 1:
Free
Section 2:
MIFARE Classic
key area (MKA)
Section 3:
RSP-Area for TX
Section 4_TX:
RSP-Area for RX
Section 4_RX:
Figure 27. Sector arrangement of the EEPROM
8.7.2.1 Product information and configuration - Page 0
The first EEPROM page includes production data as well as configuration information.
Address
(Hex.)
0
1
2
3
4
5
6
7
00
ProductID
Version
Unique IDentifier
08
Unique IDentifier
Manufacturer
Data
10
ManufacturerData
18
ManufacturerData
Table 29. Production area (Page 0)
ProductID: Identifier for a CLRC663 product or derivative, only address 01h shall be
evaluated for identifying the Product, address 00h and 02h shall be ignored by software.
CLRC661
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.7 — 23 June 2021
COMPANY PUBLIC
456937
41 / 152


Similar Part No. - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC66103HNE NXP-CLRC66103HNE Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNK NXP-CLRC66103HNK Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNY NXP-CLRC66103HNY Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
More results

Similar Description - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.1 - 1 June 2023
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
   NFC frontend
Rev. 3.3 ??19 April 2022
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
   NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
   NFC frontend
Rev. 3.7 - 6 November 2023
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com