Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC66103HNT Datasheet(PDF) 40 Page - NXP Semiconductors

Part # CLRC66103HNT
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC66103HNT Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button CLRC66103HNT Datasheet HTML 36Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 37Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 38Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 39Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 40Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 41Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 42Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 43Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 152 page
background image
NXP Semiconductors
CLRC661
High performance NFC frontend CLRC661 plus
8.6.5 Symbol generator
The symbol generator is used to create various protocol symbols. These can be e.g.
SOF or EOF symbols as they are used by the ISO14443 protocols or proprietary protocol
symbols like the CS symbol as used by the ICODE EPC protocol.
Symbols are defined by means of the symbol definition registers and the mode registers.
Four different symbols can be used. Two of them, Symbol0 and Symbol1 have a
maximum pattern length of 16 bit and feature a burst length of up to 256 bits of either
logic "0" or logic "1". The Symbol2 and Symbol3 are limited to 8-bit pattern length and do
not support a burst.
The definition of symbol patterns is done by writing the bit sequence of the pattern to
the appropriate register. The last bit of the pattern to be sent is located at the LSB of
the register. By setting the symbol length in the symbol-length register (TxSym10Len
and TxSym32Len), the definition of the symbol pattern is completed. All other bits at bit-
position higher than the symbol length in the definition register are ignored. (Example:
length of Symbol2 = 5, bit7 and bit6 are ignored, bit5 to bit0 define the symbol pattern,
bit5 is sent first)
Which symbol-pattern is sent can be configured in the TxFrameCon register. Symbol0,
Symbol1 and Symbol2 can be sent before data packets, Symbol1, Symbol2 and Symbol3
can be sent after data packets. Each symbol is defined by a set of registers. Symbols are
configured by a pair of registers. Symbol0 and Symbol1 share the same configuration
and Symbol2 and Symbol3 share the same configuration. The configuration includes
setting of bit-clock- and subcarrier-frequency, as well as selection of the pulse type/length
and the envelope type.
8.7 Memory
8.7.1 Memory overview
The CLRC661 implements three different memories: EEPROM, FIFO and Registers.
At startup, the initialization of the registers which define the behavior of the IC is
performed by an automatic copy of an EEPROM area (read/write EEPROM section1
and section2, register reset) into the registers. The behavior of the CLRC661 can be
changed by executing the command LoadProtocol, which copies a selected default
protocol from the EEPROM (read-only EEPROM section4, register Set Protocol area)
into the registers.
The read/write EEPROM section2 can be used to store any user data or predefined
register settings. These predefined settings can be copied with the command
"LoadRegister" into the internal registers.
The FIFO is used as Input/Out buffer and is able to improve the performance of a system
with limited interface speed.
8.7.2 EEPROM memory organization
The CLRC661 has implemented a EEPROM non-volatile memory with a size of 8
kB. The EEPROM is organized in pages of 64 bytes. One page of 64 bytes can be
programmed at a time. Defined purposes had been assigned to specific memory areas
CLRC661
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.7 — 23 June 2021
COMPANY PUBLIC
456937
40 / 152


Similar Part No. - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC66103HNE NXP-CLRC66103HNE Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNK NXP-CLRC66103HNK Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNY NXP-CLRC66103HNY Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
More results

Similar Description - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.1 - 1 June 2023
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
   NFC frontend
Rev. 3.3 ??19 April 2022
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
   NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
   NFC frontend
Rev. 3.7 - 6 November 2023
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com