Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC66103HNT Datasheet(PDF) 29 Page - NXP Semiconductors

Part # CLRC66103HNT
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC66103HNT Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button CLRC66103HNT Datasheet HTML 25Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 26Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 27Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 28Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 29Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 30Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 31Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 32Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 152 page
background image
NXP Semiconductors
CLRC661
High performance NFC frontend CLRC661 plus
8.4.6.4 Test Data Input (TDI)
The TDI pin provides a stream of serial information to the IR chain and the DR chains.
TDI is sampled on the rising edge of TCK and, depending on the current TAP state and
the current instruction, presents this data to the proper shift register chain. Because the
TDI pin is sampled on the rising edge of TCK, the IEEE Standard 1149.1 expects the
value on TDI to change on the falling edge of TCK.
The internal pull-up resistor on the TDI pin is enabled.
8.4.6.5 Test Data Output (TDO)
The TDO pin provides an output stream of serial information from the IR chain or the
DR chains. The value of TDO depends on the current TAP state, the current instruction,
and the data in the chain being accessed. In order to save power when the port is not
being used, the TDO pin is placed in an inactive drive state when not actively shifting out
data. Because TDO can be connected to the TDI of another controller in a daisy-chain
configuration, the IEEE Standard 1149.1 expects the value on TDO to change on the
falling edge of TCK.
8.4.6.6 Data register
According to the IEEE1149.1 standard, there are two types of data register defined:
bypass and boundary scan
The bypass register enable the possibility to bypass a device when part of the scan path.
Serial data is allowed to be transferred through a device from the TDI pin to the TDO pin
without affecting the operation of the device.
The boundary scan register is the scan-chain of the boundary cells. The size of this
register is dependent on the command.
8.4.6.7 Boundary scan cell
The boundary scan cell opens the possibility to control a hardware pin independent of its
normal use case. Basically the cell can only do one of the following: control, output and
input.
001aam306
TAP
TAP
IC1
IC2
TCK
TMS
TCK
TMS
TDO
TDO
Boundary scan cell
TDI
TDI
Figure 20. Boundary scan cell path structure
8.4.6.8 Boundary scan path
This chapter shows the boundary scan path of the CLRC661.
CLRC661
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.7 — 23 June 2021
COMPANY PUBLIC
456937
29 / 152


Similar Part No. - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC66103HNE NXP-CLRC66103HNE Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNK NXP-CLRC66103HNK Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNY NXP-CLRC66103HNY Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
More results

Similar Description - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.1 - 1 June 2023
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
   NFC frontend
Rev. 3.3 ??19 April 2022
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
   NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
   NFC frontend
Rev. 3.7 - 6 November 2023
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com