Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC66103HNT Datasheet(PDF) 28 Page - NXP Semiconductors

Part # CLRC66103HNT
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC66103HNT Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button CLRC66103HNT Datasheet HTML 24Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 25Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 26Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 27Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 28Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 29Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 30Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 31Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 152 page
background image
NXP Semiconductors
CLRC661
High performance NFC frontend CLRC661 plus
Value
(decimal)
Command
Parameter in
Parameter out
7
extest
data (24)
data (24)
8
interface on/off
interface (1)
-
9
register access read
address (7)
data (8)
10
register access write
address (7) - data (8)
-
Table 21. Boundary scan command...continued
The Standard IEEE 1149.1 describes the four basic blocks necessary to use this
interface: Test Access Port (TAP), TAP controller, TAP instruction register, TAP data
register;
8.4.6.1 Interface signals
The boundary scan interface implements a four line interface between the chip and the
environment. There are three Inputs: Test Clock (TCK); Test Mode Select (TMS); Test
Data Input (TDI) and one output Test Data Output (TDO). TCK and TMS are broadcast
signals, TDI to TDO generate a serial line called Scan path.
Advantage of this technique is that independent of the numbers of boundary scan
devices the complete path can be handled with four signal lines.
The signals TCK, TMS are directly connected with the boundary scan controller. Because
these signals are responsible for the mode of the chip, all boundary scan devices in one
scan path will be in the same boundary scan mode.
8.4.6.2 Test Clock (TCK)
The TCK pin is the input clock for the module. If this clock is provided, the test logic
is able to operate independent of any other system clocks. In addition, it ensures that
multiple boundary scan controllers that are daisy-chained together can synchronously
communicate serial test data between components. During normal operation, TCK
is driven by a free-running clock. When necessary, TCK can be stopped at 0 or 1 for
extended periods of time. While TCK is stopped at 0 or 1, the state of the boundary scan
controller does not change and data in the Instruction and Data Registers is not lost.
The internal pull-up resistor on the TCK pin is enabled. This assures that no clocking
occurs if the pin is not driven from an external source.
8.4.6.3 Test Mode Select (TMS)
The TMS pin selects the next state of the boundary scan controller. TMS is sampled on
the rising edge of TCK. Depending on the current boundary scan state and the sampled
value of TMS, the next state is entered. Because the TMS pin is sampled on the rising
edge of TCK, the IEEE Standard 1149.1 expects the value on TMS to change on the
falling edge of TCK.
Holding TMS high for five consecutive TCK cycles drives the boundary scan controller
state machine to the Test-Logic-Reset state. When the boundary scan controller enters
the Test-Logic-Reset state, the Instruction Register (IR) resets to the default instruction,
IDCODE. Therefore, this sequence can be used as a reset mechanism.
The internal pull-up resistor on the TMS pin is enabled.
CLRC661
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.7 — 23 June 2021
COMPANY PUBLIC
456937
28 / 152


Similar Part No. - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC66103HNE NXP-CLRC66103HNE Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNK NXP-CLRC66103HNK Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNY NXP-CLRC66103HNY Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
More results

Similar Description - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.1 - 1 June 2023
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
   NFC frontend
Rev. 3.3 ??19 April 2022
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
   NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
   NFC frontend
Rev. 3.7 - 6 November 2023
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com