Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC66103HNT Datasheet(PDF) 26 Page - NXP Semiconductors

Part # CLRC66103HNT
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC66103HNT Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button CLRC66103HNT Datasheet HTML 22Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 23Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 24Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 25Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 26Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 27Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 28Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 29Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 152 page
background image
NXP Semiconductors
CLRC661
High performance NFC frontend CLRC661 plus
The pull-up resistor is not required for the I2CL interface. Instead, a on chip buskeeper
is implemented in the CLRC661 for SDA of the I2CL interface. This protocol is intended
to be used for a point-to-point connection of devices over a short distance and does
not support a bus capability.The driver of the pin must force the line to the desired
logic voltage. To avoid that two drivers are pushing, the line at the same time following
regulations must be fulfilled:
SCL: As there is no clock stretching, the SCL is always under control of the Master.
SDA: The SDA line is shared between master and slave. Therefore the master and the
slave must have the control over the own driver enable line of the SDA pin. The following
rules must be followed:
• In the idle phase, the SDA line is driven high by the master
• In the time between start and stop condition, the SDA line is driven by master or slave
when SCL is low. If SCL is high, the SDA line is not driven by any device
• To keep the value on the SDA line a on chip, buskeeper structure is implemented for
the line
8.4.5 SAM interface
8.4.5.1 SAM functionality
The CLRC661 implements a dedicated I2C or SPI interface to integrate a MIFARE SAM
(Secure Access Module) in a very convenient way into applications (e.g. a proximity
reader).
The SAM can be connected to the microcontroller to operate like a cryptographic
coprocessor. For any cryptographic task, the microcontroller requests an operation from
the SAM, receives the answer and sends it over a host interface (e.g. I2C, SPI) interface
to the connected reader IC.
The MIFARE SAM supports an optimized method to integrate the SAM in a very
efficient way to reduce the protocol overhead. In this system configuration, the SAM is
integrated between the microprocessor and the reader IC, connected by one interface
to the reader IC and by another interface to the microcontroller. In this application, the
microcontroller accesses the SAM using the T=1 protocol and the SAM accesses the
reader IC using an I2C interface. The I2C SAM address is always defined by EEPROM
register. Default value is 0101100. As the SAM is directly communicating with reader IC,
the communication overhead is reduced. In this configuration, a performance boost of up
to 40 % can be achieved for a transaction time.
The MIFARE SAM supports applications using MIFARE product-based cards. For multi-
application purposes, an architecture connecting the microcontroller additionally directly
to the reader IC is recommended. This is possible by connecting the CLRC661 on
one interface (SAM Interface SDA, SCL) with the MIFARE SAM AV2.6 (P5DF081XX/
T1AR1070) and by connecting the microcontroller to the S2C or SPI interface.
CLRC661
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.7 — 23 June 2021
COMPANY PUBLIC
456937
26 / 152


Similar Part No. - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC66103HNE NXP-CLRC66103HNE Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNK NXP-CLRC66103HNK Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNY NXP-CLRC66103HNY Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
More results

Similar Description - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.1 - 1 June 2023
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
   NFC frontend
Rev. 3.3 ??19 April 2022
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
   NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
   NFC frontend
Rev. 3.7 - 6 November 2023
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com