Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC66103HNT Datasheet(PDF) 22 Page - NXP Semiconductors

Part # CLRC66103HNT
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC66103HNT Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button CLRC66103HNT Datasheet HTML 18Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 19Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 20Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 21Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 22Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 23Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 24Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 25Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 152 page
background image
NXP Semiconductors
CLRC661
High performance NFC frontend CLRC661 plus
For timing requirements, refer to Table 201.
8.4.4.2 I2C Data validity
Data on the SDA line shall be stable during the HIGH period of the clock. The HIGH state
or LOW state of the data line shall only change when the clock signal on SCL is LOW.
001aam300
data line stable;
data valid
change
of data
allowed
SDA
SCL
Figure 13. Bit transfer on the I2C-bus
8.4.4.3 I2C START and STOP conditions
To handle the data transfer on the I2C-bus, unique START (S) and STOP (P) conditions
are defined.
A START condition is defined with a HIGH-to-LOW transition on the SDA line while SCL
is HIGH.
A STOP condition is defined with a LOW-to-HIGH transition on the SDA line while SCL is
HIGH.
The master always generates the START and STOP conditions. The bus is considered to
be busy after the START condition. The bus is considered to be free again a certain time
after the STOP condition.
The bus stays busy if a repeated START (Sr) is generated instead of a STOP condition.
In this respect, the START (S) and repeated START (Sr) conditions are functionally
identical. Therefore, the S symbol will be used as a generic term to represent both the
START and repeated START (Sr) conditions.
001aam301
START condition
S
SCL
SDA
SCL
SDA
STOP condition
P
Figure 14. START and STOP conditions
8.4.4.4 I2C byte format
Each byte has to be followed by an acknowledge bit. Data is transferred with the
MSB first, see Figure 14. The number of transmitted bytes during one data transfer is
unrestricted but shall fulfill the read/write cycle format.
CLRC661
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.7 — 23 June 2021
COMPANY PUBLIC
456937
22 / 152


Similar Part No. - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC66103HNE NXP-CLRC66103HNE Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNK NXP-CLRC66103HNK Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNY NXP-CLRC66103HNY Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
More results

Similar Description - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.1 - 1 June 2023
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
   NFC frontend
Rev. 3.3 ??19 April 2022
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
   NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
   NFC frontend
Rev. 3.7 - 6 November 2023
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com