Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC66103HNT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CLRC66103HNT
Description  High performance NFC frontend CLRC661 plus
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC66103HNT Datasheet(HTML) 2 Page - NXP Semiconductors

  CLRC66103HNT Datasheet HTML 1Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 2Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 3Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 4Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 5Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 6Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 7Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 8Page - NXP Semiconductors CLRC66103HNT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 152 page
background image
NXP Semiconductors
CLRC661
High performance NFC frontend CLRC661 plus
2 Features and benefits
• Includes NXP ISO/IEC14443-A intellectual property licensing rights
• High performance multiprotocol NFC frontend for transfer speed up to 848 kbit/s
• Supports ISO/IEC 14443 A
• MIFARE Classic encryption supported by hardware
• Allows reading cards based on MIFARE Ultralight, MIFARE Classic with 1K memory,
MIFARE Classic with 4K memory, MIFARE DESFire EV1, MIFARE DESFire EV2 and
MIFARE Plus ICs
• Supports ISO/IEC15693, ICODE EPC UID, and ISO/IEC 18000-3 mode 3/ EPC
Class-1 HF
• Low-Power Card Detection
• Supported host interfaces:
– SPI up to 10 Mbit/s
– I2C-bus interfaces up to 400 kBd in Fast mode, up to 1000 kBd in Fast mode plus
– RS232 Serial UART up to 1228.8 kBd, with voltage levels dependent on pin voltage
supply
• Separate I2C-bus interface for connection of a secure access module (SAM)
• FIFO buffer with size of 512 bytes for highest transaction performance
• Flexible and efficient power-saving modes including hard power down, standby, and
low-power card detection
• Cost saving by integrated PLL to derive system clock from 27.12 MHz RF quartz crystal
• 2.5 V to 5.5 V power supply
• Up to 8 free programmable input/output pins
• Typical operating distance in read/write mode for communication to a ISO/IEC 14443
type A and MIFARE Classic card up to 12 cm, depending on the antenna size and
tuning
CLRC661
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.7 — 23 June 2021
COMPANY PUBLIC
456937
2 / 152


Similar Part No. - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC66103HNE NXP-CLRC66103HNE Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNK NXP-CLRC66103HNK Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
CLRC66103HNY NXP-CLRC66103HNY Datasheet
1Mb / 146P
   High performance NFC frontend CLRC661 plus
Rev. 3.8 - 3 January 2024
More results

Similar Description - CLRC66103HNT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
   NFC frontend
Rev. 3.1 - 1 June 2023
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
   NFC frontend
Rev. 3.3 ??19 April 2022
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
   NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
   NFC frontend
Rev. 3.7 - 6 November 2023
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com