Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1658192 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1658192
Description  RJ45 coding rings - VS-08-RJ45-Q-COD-VT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1658192 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1658192 Datasheet HTML 1Page - PHOENIX CONTACT 1658192 Datasheet HTML 2Page - PHOENIX CONTACT 1658192 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1658192
11.11.2013   Page 1 / 3
RJ45 coding rings - VS-08-RJ45-Q-COD-VT - 1658192
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Coding rings, for color coding of the RJ45 QUICKON connector, consisting of 10 color rings, color: Violet
 
 
 
Key commercial data
Packing unit
1 1
Minimum order quantity
10 1
Weight per Piece (excluding packing)
0.33 GRM
Custom tariff number
39269097
Country of origin
Switzerland
Technical data
Ambient conditions
Ambient temperature (operation)
-40 °C ... 80 °C
Material data
Inflammability class according to UL 94
V0
Material
PA
Classifications
eCl@ss
eCl@ss 4.0
24190219
eCl@ss 4.1
24190219
eCl@ss 5.0
27141137
eCl@ss 5.1
27141137
eCl@ss 6.0
27141137
eCl@ss 7.0
27141137


Similar Part No. - 1658192

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1658192 PHOENIX-1658192 Datasheet
144Kb / 5P
VS-08-RJ45-5-Q/IP20
More results

Similar Description - 1658192

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1402420 PHOENIX-1402420 Datasheet
68Kb / 4P
RJ45 connector - VS-08-RJ45-Q
1419001 PHOENIX-1419001 Datasheet
62Kb / 3P
RJ45 plug connector - VS-08-RJ45-10G/Q
1656893 PHOENIX-1656893 Datasheet
243Kb / 3P
RJ45 coding rings - VS-08-RJ45-Q-COD-SET
1658147 PHOENIX-1658147 Datasheet
62Kb / 3P
RJ45 coding rings - VS-08-RJ45-Q-COD-BN
1658150 PHOENIX-1658150 Datasheet
61Kb / 3P
RJ45 coding rings - VS-08-RJ45-Q-COD-YE
1658163 PHOENIX-1658163 Datasheet
58Kb / 3P
RJ45 coding rings - VS-08-RJ45-Q-COD-GY
1658202 PHOENIX-1658202 Datasheet
59Kb / 3P
RJ45 coding rings - VS-08-RJ45-Q-COD-BK
1658176 PHOENIX-1658176 Datasheet
61Kb / 3P
RJ45 coding rings - VS-08-RJ45-Q-COD-GN
1658189 PHOENIX-1658189 Datasheet
62Kb / 3P
RJ45 coding rings - VS-08-RJ45-Q-COD-RD
1658134 PHOENIX-1658134 Datasheet
62Kb / 3P
RJ45 coding rings - VS-08-RJ45-Q-COD-BU
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com