Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 26121604
Description  Network cable - VS-OE-OE-93A-100,0
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  26121604 Datasheet HTML 1Page - PHOENIX CONTACT 26121604 Datasheet HTML 2Page - PHOENIX CONTACT 26121604 Datasheet HTML 3Page - PHOENIX CONTACT 26121604 Datasheet HTML 4Page - PHOENIX CONTACT 26121604 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/1416392
08/30/2021   Page 2 / 5
Network cable - VS-OE-OE-93A-100,0 - 1416392
Technical data
Cable
Cable type
PROFINET
Cable type (abbreviation)
93A
UL AWM style
2464 (80°C/300 V)
Signal type/category
PROFINET CAT5 (IEC 11801), 100 Mbps
Cable structure
1x4xAWG22/1; SF/TQ
Conductor cross section
4x 0.34 mm²
AWG signal line
22
Conductor structure signal line
1x 0.65 mm
Core diameter including insulation
1.5 mm ±0.05 mm
Wire colors
White, yellow, blue, orange
Overall twist
Star quad
Shielding
SF/TQ
Optical shield covering
90 %
External sheath, color
green-yellow RAL 6018
External cable diameter D
6.5 mm ±0.2 mm
Outer sheath, material
PVC
Material conductor insulation
PE
Conductor material
Tin-plated Cu wire
Conductor resistance
≤ 57.1 Ω/km
Wave impedance
100 Ω ±15 Ω (at 1 ... 100 MHz)
Signal speed
0.68 c
Signal runtime
5.3 ns/m
Coupling resistance
< 10.00 mΩ/m (at 10 MHz)
Nominal voltage, cable
300 V
Test voltage Core/Core
2500 V DC
Test voltage Core/Shield
2500 V DC
Flame resistance
According to VW-1
Resistance to oil
according to IEC 60811-2-1
Ambient temperature (operation)
-25 °C ... 80 °C
Ambient temperature (installation)
-5 °C ... 50 °C
Ambient temperature (storage/transport)
-40 °C ... 80 °C
Shielded
yes
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
377Kb / 14P
   Network cable - NBC-M12MSX/1,0-94F/M12MRX
26121604 PHOENIX-26121604 Datasheet
295Kb / 8P
   Network cable - NBC-M8MSD/ 1,0-93C/M8MSD
26121604 PHOENIX-26121604 Datasheet
188Kb / 13P
   Bus system cable - SAC-5P-MR/ 2,0-923/FS CAN SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
   Coupling - VS-MP-PPC/CG-10G
26121604 PHOENIX-26121604 Datasheet
428Kb / 14P
   Network cable - NBC-M12FSX/5,0-94F/R4RC
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1416570 PHOENIX-1416570 Datasheet
92Kb / 4P
   Network cable - VS-OE-OE-936-100,0
1416376 PHOENIX-1416376 Datasheet
102Kb / 6P
   Network cable - VS-OE-OE-93C-100,0
09/11/2020
1416318 PHOENIX-1416318 Datasheet
298Kb / 6P
   Network cable - VS-OE-OE-94C-100,0
1416334 PHOENIX-1416334 Datasheet
400Kb / 5P
   Network cable - VS-OE-OE-94D-100,0
1416295 PHOENIX-1416295 Datasheet
265Kb / 6P
   Network cable - VS-OE-OE-93E-100,0
1419152 PHOENIX-1419152 Datasheet
292Kb / 7P
   Network cable - VS-OE-OE-93G-100,0
1416389 PHOENIX-1416389 Datasheet
334Kb / 10P
   Network cable - VS-OE-OE-93B-100,0
1417333 PHOENIX-1417333 Datasheet
305Kb / 7P
   Network cable - VS-OE-OE-94B
1404342 PHOENIX-1404342 Datasheet
279Kb / 9P
   VS-IP20-OE-93E/2,0 - Network cable
1404340 PHOENIX-1404340 Datasheet
276Kb / 9P
   VS-IP20-OE-93E/0,5 - Network cable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com