Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC7448ECS01AD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPC7448ECS01AD
Description  MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7448ECS01AD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPC7448ECS01AD Datasheet HTML 3Page - NXP Semiconductors MPC7448ECS01AD Datasheet HTML 4Page - NXP Semiconductors MPC7448ECS01AD Datasheet HTML 5Page - NXP Semiconductors MPC7448ECS01AD Datasheet HTML 6Page - NXP Semiconductors MPC7448ECS01AD Datasheet HTML 7Page - NXP Semiconductors MPC7448ECS01AD Datasheet HTML 8Page - NXP Semiconductors MPC7448ECS01AD Datasheet HTML 9Page - NXP Semiconductors MPC7448ECS01AD Datasheet HTML 10Page - NXP Semiconductors MPC7448ECS01AD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series, Rev. 6
Freescale Semiconductor
7
General Parameters
5.2.1 Clock AC Specifications
Table 8 provides the clock AC timing specifications for the MPC7448 part numbers discussed here.
NOTE
The core frequency information in this table applies when the device
operates at the nominal core voltage indicated in Table 4. For core
frequency specifications at derated core voltage conditions, see Section 5.3,
“Voltage and Frequency Derating.”
Table 8. Clock AC Timing Specifications
At recommended operating conditions. See Table 4.
Characteristic
Symbol
Maximum Processor Core Frequency (MHz)
Unit Notes
600
667
800
867
1000
1250
1267
1400
Min Max Min Max Min Max Min Max Min
Max Min
Max Min Max Min Max
Processor
frequency
DFS mode
disabled
fcore
500 600
500
667
500
800
500
867
500 1000 500 1250 500 1267 500 1400 MHz
1, 8, 9
Processor
frequency
DFS mode
enabled
fcore_DFS 250 300 250 333 250 400 250 433 250 500 250 625 250 633 250 700 MHz
10
VCO
frequency
fVCO
500 600
500
667
500
800
500
867
500 1000 500 1250 500 1267 500 1400 MHz
1, 9
Notes:
1. Caution: The SYSCLK frequency and PLL_CFG[0:5] settings must be chosen such that the resulting SYSCLK (bus) frequency,
processor core frequency, and PLL (VCO) frequency do not exceed their respective maximum or minimum operating frequencies.
Refer to the PLL_CFG[0:5] signal description in Section 9.1.1, “PLL Configuration,” in the hardware specifications for valid
PLL_CFG[0:5] settings.
8. This reflects the maximum and minimum core frequencies when the dynamic frequency switching feature (DFS) is disabled.
fcore_DFS provides the maximum and minimum core frequencies in a DFS mode.
9. Caution: These values specify the maximum processor core and VCO frequencies when the device is operated at the nominal
core voltage. If operating the device at the derated core voltage, the processor core and VCO frequencies must be reduced. See
Section 5.3, “Voltage and Frequency Derating,” for more information.
10.This specification supports the Dynamic Frequency Switching (DFS) feature and is applicable only when one of the DFS modes
(divide-by-2 or divide-by-4) is enabled. When DFS is disabled, the core frequency must conform to the maximum and minimum
frequencies stated for fcore.


Similar Part No. - MPC7448ECS01AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC7448ECS02AD NXP-MPC7448ECS02AD Datasheet
513Kb / 8P
MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series
Rev. 2, 04/2007
More results

Similar Description - MPC7448ECS01AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC7448ECS02AD NXP-MPC7448ECS02AD Datasheet
513Kb / 8P
MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series
Rev. 2, 04/2007
logo
Freescale Semiconductor...
MC7448TVU1000ND FREESCALE-MC7448TVU1000ND Datasheet
121Kb / 12P
MPC7448 Hardware Specifications
MPC7448 FREESCALE-MPC7448_07 Datasheet
478Kb / 8P
Hardware Specifications Addendum for the MC7448T xxnnnnmx Series
logo
NXP Semiconductors
MPC7410ECS05AD NXP-MPC7410ECS05AD Datasheet
155Kb / 12P
MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410RXnnnPE Series
Rev. 1.1, 04/2005
MPC7410ECS02AD NXP-MPC7410ECS02AD Datasheet
501Kb / 8P
MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
logo
Freescale Semiconductor...
MPC8641 FREESCALE-MPC8641 Datasheet
446Kb / 8P
Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
logo
NXP Semiconductors
MPC7410ECS08AD NXP-MPC7410ECS08AD Datasheet
463Kb / 5P
MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TxxnnnLE Series
Rev. 1, 11/2010
MPC755ECS02AD NXP-MPC755ECS02AD Datasheet
507Kb / 8P
MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC7n5BxxnnnLD Series
Rev. 2.1, 02/2006
MPC7410ECS06AD NXP-MPC7410ECS06AD Datasheet
119Kb / 8P
MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TRXnnnLE Series
Rev. 1.1, 04/2005
logo
Freescale Semiconductor...
MPC8640 FREESCALE-MPC8640 Datasheet
446Kb / 8P
Integrated Host Processor Hardware Specifications Addendum for the MC8640xTxxyyyyaC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com