Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

762-1104 Datasheet(PDF) 1 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # 762-1104
Description  Web Panel; 26.4 cm (10.4
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

762-1104 Datasheet(HTML) 1 Page - WAGO Kontakttechnik GmbH & Co. KG

  762-1104 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 762-1104 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 762-1104 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 762-1104 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data sheet | Item number: 762-1104
Web Panel; 26.4 cm (10.4"); 640 x 480 pixels
www.wago.com/762-1104
Subject to changes. Please also observe the further product documentation!
WAGO Kontakttechnik GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
02.09.2021    Page /
1 4
Item description
Specifically configured as a Web browser, the Web Panel directly connects to controllers with their own Web servers. The CODESYS 2.3 Web
visualization has been specially optimized for the Web Panel.
Software configuration:
Internet browser
Java Virtual Machine
Panel configuration software
Data
Technical data
Display diagonal
26.4 cm (10.4 Inches)
Display
TFT
Display colors
65,536 colors
Graphics resolution
(640 x 480) px
Contrast ratio
500:1
Viewing angle (horizontal/vertical)
-65° … 65° / -45° … 65°
Brightness
430 cd/m
 
2
HBT (Half Brightness Time)
50,000 h
 


Similar Part No. - 762-1104

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
762-1121 WAGO-762-1121 Datasheet
234Kb / 4P
Web Panel; 30.7 cm (12.1"); 800 x 600 pixels
More results

Similar Description - 762-1104

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
762-3104-000-001 WAGO-762-3104-000-001 Datasheet
252Kb / 6P
Control Panel; 26.4 cm (10.4"); 640 x 480 pixels; Target Visualization
762-1121 WAGO-762-1121 Datasheet
234Kb / 4P
Web Panel; 30.7 cm (12.1"); 800 x 600 pixels
762-1057 WAGO-762-1057 Datasheet
158Kb / 5P
Web Panel; 14.5 cm (5.7"); 320 x 240 pixels
762-1035 WAGO-762-1035 Datasheet
117Kb / 5P
Web Panel; 8.9 cm (3.5"); 320 x 240 pixels
logo
PHOENIX CONTACT
1060549 PHOENIX-1060549 Datasheet
222Kb / 6P
Web panel - BWP 2043W
Dec 2, 2022
1060630 PHOENIX-1060630 Datasheet
219Kb / 6P
Web panel - BWP 2102W
Dec 2, 2022
1060632 PHOENIX-1060632 Datasheet
221Kb / 6P
Web panel - BWP 2070W
Dec 2, 2022
1290800 PHOENIX-1290800 Datasheet
282Kb / 9P
Web panel - WP 6070-WVPS
Nov 16, 2022
1290803 PHOENIX-1290803 Datasheet
282Kb / 9P
Web panel - WP 6156-WHPS
Nov 16, 2022
1290807 PHOENIX-1290807 Datasheet
282Kb / 9P
Web panel - WP 6185-WHPS
Nov 16, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com