Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 26121604
Description  RJ45 coding rings - VS-08-RJ45-Q-COD-BN
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  26121604 Datasheet HTML 1Page - PHOENIX CONTACT 26121604 Datasheet HTML 2Page - PHOENIX CONTACT 26121604 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/produkte/1658147
13.05.2013   Page 1 / 3
RJ45 coding rings - VS-08-RJ45-Q-COD-BN - 1658147
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Coding rings, for color coding of the RJ45 QUICKON plug-in connector, consisting of 10 color rings, color: Brown
 
 
 
Key commercial data
Packing unit
1 PCE
Minimum order quantity
10 PCE
GTIN
Custom tariff number
39269097
Country of origin
SWITZERLAND
Technical data
Mechanical characteristics
Ambient temperature (operation)
-40 °C ... 80 °C
Material data
Inflammability class according to UL 94
V0
Material
PA
Classifications
ETIM
ETIM 3.0
EC000766
ETIM 4.0
EC000766
ETIM 5.0
EC002498


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
Coupling - VS-MP-PPC/CG-10G
26121604 PHOENIX-26121604 Datasheet
61Kb / 2P
Coupling - VS-MP-PPC/CG-PO
26121604 PHOENIX-26121604 Datasheet
68Kb / 2P
Coupling - VS-MP-PPC/CG-PO/10G
26121604 PHOENIX-26121604 Datasheet
61Kb / 2P
Coupling - VS-MP-PPC/PPC-PO
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
Coupling - VS-MP-PPC/CG-XL-10G
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1402420 PHOENIX-1402420 Datasheet
68Kb / 4P
RJ45 connector - VS-08-RJ45-Q
1419001 PHOENIX-1419001 Datasheet
62Kb / 3P
RJ45 plug connector - VS-08-RJ45-10G/Q
1656893 PHOENIX-1656893 Datasheet
243Kb / 3P
RJ45 coding rings - VS-08-RJ45-Q-COD-SET
1658150 PHOENIX-1658150 Datasheet
61Kb / 3P
RJ45 coding rings - VS-08-RJ45-Q-COD-YE
1658163 PHOENIX-1658163 Datasheet
58Kb / 3P
RJ45 coding rings - VS-08-RJ45-Q-COD-GY
1658192 PHOENIX-1658192 Datasheet
59Kb / 3P
RJ45 coding rings - VS-08-RJ45-Q-COD-VT
1658202 PHOENIX-1658202 Datasheet
59Kb / 3P
RJ45 coding rings - VS-08-RJ45-Q-COD-BK
1658176 PHOENIX-1658176 Datasheet
61Kb / 3P
RJ45 coding rings - VS-08-RJ45-Q-COD-GN
1658189 PHOENIX-1658189 Datasheet
62Kb / 3P
RJ45 coding rings - VS-08-RJ45-Q-COD-RD
1658134 PHOENIX-1658134 Datasheet
62Kb / 3P
RJ45 coding rings - VS-08-RJ45-Q-COD-BU
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com