Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2752-SM,SAMPLE Datasheet(PDF) 5 Page - Qorvo, Inc

Part # TGA2752-SM,SAMPLE
Description  7.1 ??8.5 GHz Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGA2752-SM,SAMPLE Datasheet(HTML) 5 Page - Qorvo, Inc

  TGA2752-SM,SAMPLE Datasheet HTML 1Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 2Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 3Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 4Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 5Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 6Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 7Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 8Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TGA2752-SM
7.1 – 8.5 GHz Power Amplifier
Data Sheet Rev. B, September 2020 | Subject to change without notice
5 of 15
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
®
Performance Plots
Test conditions unless otherwise noted:
VD1 
= VD2 = +6 V, ID1 + ID2 = 1000 mA, VG1 = VG2 = −0.65 V, VD3−= +28 V, ID3 = 190 mA,
VG3 
= −2.6 V, Temp = +25 °C, Z0 = 50 Ω
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
4
5
6
7
8
9
10
11
12
Frequency (GHz)
S-Parameters vs. Frequency
Gain
IRL
ORL
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
7
7.2
7.4
7.6
7.8
8
8.2
8.4
8.6
8.8
9
Frequency (GHz)
S-Parameters vs. Frequency
Gain
IRL
ORL
22
24
26
28
30
32
34
36
38
40
42
44
6
6.5
7
7.5
8
8.5
9
Frequency (GHz)
Output Power vs. Frequency
Psat
P1dB
0
200
400
600
800
1000
1200
1400
1600
1800
0
5
10
15
20
25
30
35
40
45
-25
-20
-15
-10
-5
0
5
10
15
20
Input Power (dBm)
Pout, Gain, Id vs. Pin @ 7.5 GHz
Pout
Gain
Id1 + Id2
Id3
-10
0
10
20
30
40
50
0
5
10
15
20
25
30
35
40
45
Outpout Power (dBm)
AM-PM vs. Pout vs. Frequency
7.5 GHz
8.0 GHz
8.5 GHz
32
34
36
38
40
42
44
46
48
50
52
6
6.5
7
7.5
8
8.5
9
Frequency (GHz)
TOI vs. Frequency vs. Pout/Tone
Pout/Tone = 28 dBm
Pout/Tone = 30 dBm
Pout/Tone = 32 dBm


Similar Part No. - TGA2752-SM,SAMPLE

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2752-SM TRIQUINT-TGA2752-SM Datasheet
1Mb / 17P
   7.1 to 8.5 GHz Power Amplifier
TGA2752-SM TRIQUINT-TGA2752-SM_15 Datasheet
1Mb / 17P
   7.1 to 8.5 GHz Power Amplifier
More results

Similar Description - TGA2752-SM,SAMPLE

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2752-SM TRIQUINT-TGA2752-SM_15 Datasheet
1Mb / 17P
   7.1 to 8.5 GHz Power Amplifier
logo
Excelics Semiconductor,...
EIM7185-4 EXCELICS-EIM7185-4 Datasheet
160Kb / 4P
   7.1 - 8.5 GHz Multi-Stage Power Amplifier
logo
Molex Electronics Ltd.
735912084 MOLEX-735912084 Datasheet
222Kb / 1P
   SMT ISOLATOR/7.1 GHZ TO 8.5 GHZ/CCW
2022/03/01
logo
Qorvo, Inc
TGA2753-SM QORVO-TGA2753-SM Datasheet
908Kb / 15P
   5.9 ??7.1 GHz Power Amplifier
September 2020
logo
Molex Electronics Ltd.
735912083 MOLEX-735912083 Datasheet
222Kb / 1P
   SMT ISOLATOR/7.1 GHZ TO 8.5 GHZ/CW
2022/03/01
logo
Tyco Electronics
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003 Datasheet
207Kb / 4P
   Amplifier, Power, 2W 7.1-11.7 GHz
logo
Excelics Semiconductor,...
EIM7179-4 EXCELICS-EIM7179-4 Datasheet
143Kb / 3P
   7.1 - 7.9 GHz Multi-Stage Power Amplifier
logo
Tyco Electronics
MAAPGM0063-DIE MACOM-MAAPGM0063-DIE Datasheet
368Kb / 5P
   8.5-11.0 GHZ, 5W Power Amplifier
MA08509D MACOM-MA08509D_1 Datasheet
208Kb / 5P
   Amplifier, Power, 10W 8.5-10.5 GHz
MAAP-000021-PKG003 MACOM-MAAP-000021-PKG003 Datasheet
428Kb / 9P
   Amplifier, Power, 2W 5.0-8.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com