Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2752-SM,SAMPLE Datasheet(PDF) 10 Page - Qorvo, Inc

Part # TGA2752-SM,SAMPLE
Description  7.1 ??8.5 GHz Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGA2752-SM,SAMPLE Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button TGA2752-SM,SAMPLE Datasheet HTML 6Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 7Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 8Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 9Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 10Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 11Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 12Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 13Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 14Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TGA2752-SM
7.1 – 8.5 GHz Power Amplifier
Data Sheet Rev. B, September 2020 | Subject to change without notice
10 of 15
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
®
Application Circuit
VG12 can be biased from either side, and the non-biased side can be left open.
VD1, VD2, VD3, must be biased from both sides.
Bias-up Procedure
Bias-down Procedure
VG12 set to
−1.2 V
Turn off RF signal
VG3 set to
−3.5 V
Reduce VG12 to
−1.2 V. Ensure ID ~ 0 mA
VD1, VD2
set to +6 V
Reduce VG3 to
−3.5 V. Ensure ID ~ 0 mA
VD3 sets to +28
 V
Turn VD1, VD2, VD3 to 0
 V
Adjust VG12 more positive until quiescent ID is 1000
 mA
Turn VG12, VG3 to 0
 V
Adjust VG3 more positive until quiescent ID
is 190 mA
Apply RF signal
2
5
4
3
1
8
7
6
9
10
11
12
13
14
15
16
17
18
19
20
21
29
26
27
28
30
23
24
25
22
42
41
40
39
38
37
36
35
34
33
32
31
TGA2752-SM
Vg12
Vg12
Vd1, Vd2
Vd3
Vd1, Vd2
Vg3
Vd3


Similar Part No. - TGA2752-SM,SAMPLE

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2752-SM TRIQUINT-TGA2752-SM Datasheet
1Mb / 17P
   7.1 to 8.5 GHz Power Amplifier
TGA2752-SM TRIQUINT-TGA2752-SM_15 Datasheet
1Mb / 17P
   7.1 to 8.5 GHz Power Amplifier
More results

Similar Description - TGA2752-SM,SAMPLE

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2752-SM TRIQUINT-TGA2752-SM_15 Datasheet
1Mb / 17P
   7.1 to 8.5 GHz Power Amplifier
logo
Excelics Semiconductor,...
EIM7185-4 EXCELICS-EIM7185-4 Datasheet
160Kb / 4P
   7.1 - 8.5 GHz Multi-Stage Power Amplifier
logo
Molex Electronics Ltd.
735912084 MOLEX-735912084 Datasheet
222Kb / 1P
   SMT ISOLATOR/7.1 GHZ TO 8.5 GHZ/CCW
2022/03/01
logo
Qorvo, Inc
TGA2753-SM QORVO-TGA2753-SM Datasheet
908Kb / 15P
   5.9 ??7.1 GHz Power Amplifier
September 2020
logo
Molex Electronics Ltd.
735912083 MOLEX-735912083 Datasheet
222Kb / 1P
   SMT ISOLATOR/7.1 GHZ TO 8.5 GHZ/CW
2022/03/01
logo
Tyco Electronics
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003 Datasheet
207Kb / 4P
   Amplifier, Power, 2W 7.1-11.7 GHz
logo
Excelics Semiconductor,...
EIM7179-4 EXCELICS-EIM7179-4 Datasheet
143Kb / 3P
   7.1 - 7.9 GHz Multi-Stage Power Amplifier
logo
Tyco Electronics
MAAPGM0063-DIE MACOM-MAAPGM0063-DIE Datasheet
368Kb / 5P
   8.5-11.0 GHZ, 5W Power Amplifier
MA08509D MACOM-MA08509D_1 Datasheet
208Kb / 5P
   Amplifier, Power, 10W 8.5-10.5 GHz
MAAP-000021-PKG003 MACOM-MAAP-000021-PKG003 Datasheet
428Kb / 9P
   Amplifier, Power, 2W 5.0-8.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com