Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2752-SM,SAMPLE Datasheet(PDF) 9 Page - Qorvo, Inc

Part # TGA2752-SM,SAMPLE
Description  7.1 ??8.5 GHz Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGA2752-SM,SAMPLE Datasheet(HTML) 9 Page - Qorvo, Inc

Back Button TGA2752-SM,SAMPLE Datasheet HTML 5Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 6Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 7Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 8Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 9Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 10Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 11Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 12Page - Qorvo, Inc TGA2752-SM,SAMPLE Datasheet HTML 13Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TGA2752-SM
7.1 – 8.5 GHz Power Amplifier
Data Sheet Rev. B, September 2020 | Subject to change without notice
9 of 15
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
®
Pin Configuration and Description
Top View
Pad No.
Label
Description
1, 2, 3, 4, 6, 7, 8, 9,11,
13, 15, 16, 17, 18, 19,
21, 22, 23, 24, 25, 27,
28, 29, 33, 34, 35, 37,
39, 41
NC
No internal connection; can be grounded on PCB.
5
RF IN
RF Input, matched to 50 Ω, AC Coupled.
10, 42
VG12
Gate voltage. Bias network is required; can be biased from either pin, and non-
biased pin can be left open; see Application Circuit on page 11 as an example.
12, 40
VD1
Drain voltage; must be biased from both sides. Bias network is required; see
Application Circuit on page 11 as an example.
14, 38
VD2
Drain voltage; must be biased from both sides. Bias network is required; see
Application Circuit on page 11 as an example.
20, 32
VD3
Drain voltage; must be biased from both sides. Bias network is required; see
Application Circuit on page 11 as an example.
26
RF OUT
RF Output, matched to 50 ohms, AC Coupled.
30
VREF
Reference diode output voltage.
31
VDET
Detector diode output voltage. Varies with RF output power.
36
VG3
Gate voltage. Bias network is required; see Application Circuit on page 11 as an
example.
43, 44, 45, 46, 47
GND
Backside Paddle. Multiple vias should be employed to minimize inductance and
thermal resistance; see Mounting Configuration on page 14 for suggested
footprint.
2
5
4
3
1
8
7
6
9
10
11
12
13
14
15
16
17
18
19
20
21
29
26
27
28
30
23
24
25
22
42
41
40
39
38
37
36
35
34
33
32
31
47
43
44
45
46


Similar Part No. - TGA2752-SM,SAMPLE

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2752-SM TRIQUINT-TGA2752-SM Datasheet
1Mb / 17P
   7.1 to 8.5 GHz Power Amplifier
TGA2752-SM TRIQUINT-TGA2752-SM_15 Datasheet
1Mb / 17P
   7.1 to 8.5 GHz Power Amplifier
More results

Similar Description - TGA2752-SM,SAMPLE

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2752-SM TRIQUINT-TGA2752-SM_15 Datasheet
1Mb / 17P
   7.1 to 8.5 GHz Power Amplifier
logo
Excelics Semiconductor,...
EIM7185-4 EXCELICS-EIM7185-4 Datasheet
160Kb / 4P
   7.1 - 8.5 GHz Multi-Stage Power Amplifier
logo
Molex Electronics Ltd.
735912084 MOLEX-735912084 Datasheet
222Kb / 1P
   SMT ISOLATOR/7.1 GHZ TO 8.5 GHZ/CCW
2022/03/01
logo
Qorvo, Inc
TGA2753-SM QORVO-TGA2753-SM Datasheet
908Kb / 15P
   5.9 ??7.1 GHz Power Amplifier
September 2020
logo
Molex Electronics Ltd.
735912083 MOLEX-735912083 Datasheet
222Kb / 1P
   SMT ISOLATOR/7.1 GHZ TO 8.5 GHZ/CW
2022/03/01
logo
Tyco Electronics
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003 Datasheet
207Kb / 4P
   Amplifier, Power, 2W 7.1-11.7 GHz
logo
Excelics Semiconductor,...
EIM7179-4 EXCELICS-EIM7179-4 Datasheet
143Kb / 3P
   7.1 - 7.9 GHz Multi-Stage Power Amplifier
logo
Tyco Electronics
MAAPGM0063-DIE MACOM-MAAPGM0063-DIE Datasheet
368Kb / 5P
   8.5-11.0 GHZ, 5W Power Amplifier
MA08509D MACOM-MA08509D_1 Datasheet
208Kb / 5P
   Amplifier, Power, 10W 8.5-10.5 GHz
MAAP-000021-PKG003 MACOM-MAAP-000021-PKG003 Datasheet
428Kb / 9P
   Amplifier, Power, 2W 5.0-8.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com