Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49F001A-45JI Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT49F001A-45JI
Description  1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F001A-45JI Datasheet(HTML) 4 Page - ATMEL Corporation

  AT49F001A-45JI Datasheet HTML 1Page - ATMEL Corporation AT49F001A-45JI Datasheet HTML 2Page - ATMEL Corporation AT49F001A-45JI Datasheet HTML 3Page - ATMEL Corporation AT49F001A-45JI Datasheet HTML 4Page - ATMEL Corporation AT49F001A-45JI Datasheet HTML 5Page - ATMEL Corporation AT49F001A-45JI Datasheet HTML 6Page - ATMEL Corporation AT49F001A-45JI Datasheet HTML 7Page - ATMEL Corporation AT49F001A-45JI Datasheet HTML 8Page - ATMEL Corporation AT49F001A-45JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
AT49F001A(N)(T)
3365C–FLASH–9/03
SECTOR ERASE: As an alternative to a full chip erase, the device is organized into sectors
that can be individually erased. There are two 8K-byte parameter block sections and two main
memory blocks. The 8K-byte parameter block sections and the two main memory blocks can
be independently erased and reprogrammed. The Sector Erase command is a six bus cycle
operation. The sector address is latched on the falling WE edge of the sixth cycle while the
30H data input command is latched at the rising edge of WE. The sector erase starts after the
rising edge of WE of the sixth cycle. The erase operation is internally controlled; it will auto-
matically time to completion.
BYTE PROGRAMMING: Once the memory array is erased, the device is programmed (to a
logical “0”) on a byte-by-byte basis. Please note that a data “0” cannot be programmed back to
a “1”; only erase operations can convert “0”s to “1”s. Programming is accomplished via the
internal device command register and is a 4 bus cycle operation (please refer to the Command
Definitions table). The device will automatically generate the required internal program pulses.
The program cycle has addresses latched on the falling edge of WE or CE, whichever occurs
last, and the data latched on the rising edge of WE or CE, whichever occurs first. Program-
ming is completed after the specified t
BP cycle time. The DATA polling feature may also be
used to indicate the end of a program cycle.
BOOT BLOCK PROGRAMMING LOCKOUT: The device has one designated block that has
a programming lockout feature. This feature prevents programming of data in the designated
block once the feature has been enabled. The size of the block is 16K bytes. This block,
referred to as the boot block, can contain secure code that is used to bring up the system.
Enabling the lockout feature will allow the boot code to stay in the device while data in the rest
of the device is updated. This feature does not have to be activated; the boot block’s usage as
a write protected region is optional to the user. The address range of the boot block is 00000
to 03FFF for the AT49F001A(N) while the address range of the boot block is 1C000 to 1FFFF
for the AT49F001A(N)T.
Once the feature is enabled, the data in the boot block can no longer be erased or pro-
grammed with input voltage levels of 5.5V or less. Data in the main memory block can still be
changed through the regular programming method. To activate the lockout feature, a series of
six program commands to specific addresses with specific data must be performed. Please
refer to the Command Definitions table.
BOOT BLOCK LOCKOUT DETECTION: A software method is available to determine if pro-
gramming of the boot block section is locked out. When the device is in the software product
identification mode (see Software Product Identification Entry and Exit sections) a read from
address location 00002H will show if programming the boot block is locked out for the
AT49F001A(N), and a read from address location 1C002H will show if programming the boot
block is locked out for the AT49F001A(N)T. If the data on I/O0 is low, the boot block can be
programmed; if the data on I/O0 is high, the program lockout feature has been activated and
the block cannot be programmed. The software product identification exit code should be used
to return to standard operation.


Similar Part No. - AT49F001A-45JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12JC ATMEL-AT49F001-12JC Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12JI ATMEL-AT49F001-12JI Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12PC ATMEL-AT49F001-12PC Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12PI ATMEL-AT49F001-12PI Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
More results

Similar Description - AT49F001A-45JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
1-Megabit (128K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
8 Megabit (1M x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
2-Megabit 256K x 8 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com