Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43172015 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 43172015
Description  Cable connector - CA-09S1N1280DN
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43172015 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  43172015 Datasheet HTML 1Page - PHOENIX CONTACT 43172015 Datasheet HTML 2Page - PHOENIX CONTACT 43172015 Datasheet HTML 3Page - PHOENIX CONTACT 43172015 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1619768
03/30/2016   Page 1 / 4
Cable connector - CA-09S1N1280DN - 1619768
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cable connector, straight, shielded: yes, Screw locking, M23, Number of positions: 8+1, Type of contact: Socket,
Solder connection, Cable diameter: 3 mm ... 14.5 mm
The figure shows the 6-pos. product
version
Product Features
Safe use in the field, thanks to high degree of protection
Connector for flexible on-site assembly
Consistent EMC protection for reliable transmission of signals
Solder connection: proven connection technology for various litz wires
Key Commercial Data
Packing unit
1 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Temperature range
Ambient temperature (operation)
-40 °C ... 125 °C
Data of the insulating body
Coding
N
Insulator material
PBT
Contact material
CuZn
Contact surface material
Ni/Au
Contact connection method
Solder connection
Type of contacts
Socket
Number of positions
9
Contact diameter of power contacts
2 mm


Similar Part No. - 43172015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
43172015 PHOENIX-43172015 Datasheet
43Kb / 2P
   Crimp contact - RC-6FP2000
43172015 PHOENIX-43172015 Datasheet
72Kb / 4P
   Device connector, front mounting - CA-17S1N122S00
43172015 PHOENIX-43172015 Datasheet
39Kb / 1P
   Coupler connector - SM-7EP1N8A9L02
12/10/13
43172015 PHOENIX-43172015 Datasheet
75Kb / 4P
   Device connector, front mounting - CA-12S1NA22S00
43172015 PHOENIX-43172015 Datasheet
51Kb / 3P
   Crimp contact - SL-1CKS010
More results

Similar Description - 43172015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619344 PHOENIX-1619344 Datasheet
252Kb / 6P
   Cable connector - CA-19P1N12T008S
1619366 PHOENIX-1619366 Datasheet
244Kb / 6P
   Cable connector - CA-07S1N12T008S
1619725 PHOENIX-1619725 Datasheet
65Kb / 4P
   Cable connector - CA-19P1N128006
1620290 PHOENIX-1620290 Datasheet
252Kb / 6P
   Cable connector - CA-06P1N12T006
1620213 PHOENIX-1620213 Datasheet
250Kb / 6P
   Cable connector - CA-19P1N12T007
1620217 PHOENIX-1620217 Datasheet
260Kb / 6P
   Cable connector - CA-17P1N12T007
1620268 PHOENIX-1620268 Datasheet
241Kb / 6P
   Cable connector - CA-17S1N12T006
1619334 PHOENIX-1619334 Datasheet
252Kb / 6P
   Cable connector - CA-09P1N12T0DN
1619353 PHOENIX-1619353 Datasheet
241Kb / 6P
   Cable connector - CA-16S1N12T008S
1619374 PHOENIX-1619374 Datasheet
242Kb / 6P
   Cable connector - CA-19S1N12T007S
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com